Electronic Components Datasheet Search
  English  ▼

X  

PC87591L Datasheet(PDF) 214 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 214 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 210Page - National Semiconductor (TI) PC87591L Datasheet HTML 211Page - National Semiconductor (TI) PC87591L Datasheet HTML 212Page - National Semiconductor (TI) PC87591L Datasheet HTML 213Page - National Semiconductor (TI) PC87591L Datasheet HTML 214Page - National Semiconductor (TI) PC87591L Datasheet HTML 215Page - National Semiconductor (TI) PC87591L Datasheet HTML 216Page - National Semiconductor (TI) PC87591L Datasheet HTML 217Page - National Semiconductor (TI) PC87591L Datasheet HTML 218Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
214
Revision 1.07
ACM Configuration Register (ACMCNF)
This register controls the configuration of the ACM module. ACMCNF is cleared (0016) on reset.
Location: 00 FD4216
Type: R/W
Bit
76543210
Name
Reserved
OVUNSEL
INTOUEN
INTEMEN
Reserved
ACMMOD
Reset
00000000
Bit
Description
1-0
ACMMOD (ACM Mode Control). Configures the operation mode of the ACM module. See “ACM Operating
Sequences” on page 211. This value becomes the active mode after writing a 1 to START bit in ACMCTS
register.
Bits
1 0
Description
0 0:
ACM disabled (default)
0 1:
Voltage Level Burst mode - single measurement of the voltage level for all the eight inputs
1 0:
Threshold Comparison Burst mode - single comparison of all the eight inputs to the set threshold
1 1:
Low-Power Threshold Comparison mode - periodic comparison of the inputs to a constant threshold
(recommended for Idle PC87591x operation mode). Its operation is stopped by the
selection of a different mode (ACM disabled = 002 is the recommended value).
2
Reserved.
3
INTEMEN (Interrupt from End-of-Measurement Event Enable). Enables generation of an ACM interrupt on an
End of Voltage Measurement Burst event (EOMEV in ACMCTS register).
0: Disabled (default)
1: Enabled - ACM Interrupt from EOMEV
4
INTOUEN (Interrupt from Over/Under Threshold Event Enable). Enables generation of an ACM interrupt on
at least one input above (or below) the threshold event (OVUNTHEV ACMCTS register).
0: Disabled (default)
1: Enabled - ACM Interrupt from OVUNTHEV
5
OVUNSEL (Over or Under Threshold Select). “Any Over” or “Any Under” logic selection for OVUNTHEV bit in
ACMCTS register.
0: At least one input below threshold sets OVUNTHEV=1 (default)
1: At least one input above threshold sets OVUNTHEV=1
7-6
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com