Electronic Components Datasheet Search
  English  ▼

X  

PC87591L Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 22Page - National Semiconductor (TI) PC87591L Datasheet HTML 23Page - National Semiconductor (TI) PC87591L Datasheet HTML 24Page - National Semiconductor (TI) PC87591L Datasheet HTML 25Page - National Semiconductor (TI) PC87591L Datasheet HTML 26Page - National Semiconductor (TI) PC87591L Datasheet HTML 27Page - National Semiconductor (TI) PC87591L Datasheet HTML 28Page - National Semiconductor (TI) PC87591L Datasheet HTML 29Page - National Semiconductor (TI) PC87591L Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 437 page
background image
1.0 Introduction (Continued)
www.national.com
26
Revision 1.07
Figure 2. PC87591x Functional Block Diagram
1.3.1
Processing Unit
The CompactRISC CR16B core (referred to in this datasheet as the “core”) is an advanced, general-purpose 16-bit micro-
processor core with a RISC architecture. The core is responsible for arithmetic and logic operations, as well as program
control.
For more details about the core structure and instruction set, see CR16B Programmer’s Reference Manual, Revision 2.2,
September 1999 (Literature Number: 633150-001)
1.3.2
Bus Interface Unit and Memory Controller (BIU)
The BIU enables access to off-chip memory and I/O devices. It is organized in zones, as follows:
●
Zone 0 - Expansion Memory (flash and/or SRAM). This memory may be used for the core code, data and/or the host
BIOS program.
●
Zone 1 - This zone is available for off-chip in DEV environment only and is used for emulating the operation of the
off-chip base memory, using an off-chip SRAM. In IRE and OBD environments, the configuration of this zone should
be the same as in DEV environment to enable cycle-by-cycle compatibility.
The Base memory is partitioned into two zones, fast and slow. The access time to the fast zone is defined by the con-
figuration registers of Zone 1 in the BIU. The access time to the slow zone is defined by the configuration registers of
Zone 2 in the BIU. Only one chip select signal is used—the AND of the two BIU select outputs.
●
I/O Zone - This zone can be used for I/O expansion. In DEV environment, it can be used to recreate GPIO signals,
whose pins are used for the development system interface.
Configuration registers that control the bus transactions are associated with each zone and are part of the BIU module, See
Section 4.1 on page 69 for details. For details about the link between DEV environment and the BIU, see Section 1.4.3 on
page 30.
1.3.3
On-Chip Memory
RAM. The 2048/4096-byte on-chip RAM is mostly used for the storage of program variables and the stack. It can also store
short programs used while the flash memory is being updated. Part of the on-chip RAM is reserved for use by the core de-
velopment tools monitor program, TMON. For information, see the CompactRISC
 PC87591x Tmonlib Version 3.1.2.3 Re-
lease Letter, March 2001,
Flash. The PC87591E and PC87591S are equipped with a large on-chip flash. This flash includes a main block and an in-
formation block. The flash main block is also referred to as on-chip Base Memory and may be used to store core code and
constant data.
Core Bus
Peripheral Bus
Bus
KBC + PM
Host I/F
RTC
Processing
Unit
RAM
External
BIU
CR16B Core
32.768 KHz
ICU
HFCG
PMC
ADC
ACB
GPIO
WDG
FLASH or ROM
MIWU
Memory + I/O
MFT16
Timer +
Adapter
PS/2
I/F
(X2)
CLK
DAC
(X2)
Memory
Debugger
I/F
Shared mem.
+ Security
LPC
I/F
Serial
IRQ
SMI
Functions
Internal Bus
CR Access
DMA
JTAG
KBSCAN +
ACM
USART
Peripherals
LPC Bus I/F
I/F Functions
PWM
Reset &
Config
MSWC
Bridge
Controlled
Host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com