Electronic Components Datasheet Search
  English  ▼

X  

PC87591L Datasheet(PDF) 58 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 58 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 54Page - National Semiconductor (TI) PC87591L Datasheet HTML 55Page - National Semiconductor (TI) PC87591L Datasheet HTML 56Page - National Semiconductor (TI) PC87591L Datasheet HTML 57Page - National Semiconductor (TI) PC87591L Datasheet HTML 58Page - National Semiconductor (TI) PC87591L Datasheet HTML 59Page - National Semiconductor (TI) PC87591L Datasheet HTML 60Page - National Semiconductor (TI) PC87591L Datasheet HTML 61Page - National Semiconductor (TI) PC87591L Datasheet HTML 62Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 437 page
background image
2.0 Signal/Pin Description and Configuration (Continued)
www.national.com
58
Revision 1.07
2.4.2
System Configuration Registers
For a summary of the abbreviations used for Register Type, see Section 2 on page 34.
Register Map
Module Configuration Register (MCFG)
The MCFG register is a read/write, byte-wide register. It is used for global system configuration and setup.
Write operations to the MCFG register should write zeros to all reserved bits. On reset, non-reserved bits of MCFG are
cleared to 0. MCFG can be written in Active mode only. Its contents is preserved in Idle mode.
In IRE and OBD environments, all MCFG fields should be used to designate associated pins as GPIO ports or their alternate
functions. In DEV environment, the pins are always allocated for development system use. The I/O ports functionality can
be implemented using off-chip logic.
To guarantee binary and cycle-by-cycle compatibility among the different environments, define the MCFG fields as required
for IRE and OBD even when in DEV environment, and use the I/O Expansion protocol to build an off-chip implementation
of the I/O ports when they are used by the application.
ADBs or ISE systems use the MCFG Shadow (MCFGSH, write only) register to select the functionality of the signal that
reaches the user’s application.
All write operations to the MCFG must be immediately followed by a write to the MCFG Shadow (MCFGSH) register. This
register is part of the development system and is accessed by an access to the I/O Zone (SELIO).
MCFG is loaded with either 0016 or 8016 on reset. See the description of GTMON for behavior of bit 7 during reset.
Software should load MCFGSH with the MCFG register’s value after reset.
The format of MCFG (and MCFGSH) is as follows:
MCFG Location: 00 FF1016
MCFGSH Location: 00 FBFE16
Type: R/W
Mnemonic
Register Name
Type
MCFG
Module Configuration Register
R/W
EICFG
External Interrupts Configuration Register
R/W
IOEE1 and
IOEE2
Input to Output Echo Enable Register 1 and 2
R/W
Bit
76543210
Name
GTMON
Reserved
CLKOM
EXMEM16
ENEMEM
ENEIO
Reset
See text
0000000
Bit
Description
0
ENEIO (Enable Expansion I/O). Enables the use of the I/O Expansion protocol for expanding the amount of
GPIO pins available to the application. In IRE and OBD environments, when ENEIO is cleared, the associated
pins are used as GPIO signals. When set, enables the use of BIU I/O Zone (SELIO) for the interface with off-
chip logic. Use the BIU I/O Zone configuration to select the access parameters to the I/O Expansion logic and
its bus width.
1
ENEMEM (Enable Expansion Memory). Enables the use of the Expansion memory for expanding the amount
of memory available to the application to more than what is provided on chip. When cleared, the associated pins
are used as GPIO signals. When set, enables the use of BIU Zone 0 (SEL0) and the associated address and
data lines for the interface with flash or SRAM devices. Use BIU Zone 0 configuration to select the access
parameters to the Expansion memory and its width.
Set this bit in the 176-pin package only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com