Electronic Components Datasheet Search
  English  ▼

X  

PC87591L Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 46Page - National Semiconductor (TI) PC87591L Datasheet HTML 47Page - National Semiconductor (TI) PC87591L Datasheet HTML 48Page - National Semiconductor (TI) PC87591L Datasheet HTML 49Page - National Semiconductor (TI) PC87591L Datasheet HTML 50Page - National Semiconductor (TI) PC87591L Datasheet HTML 51Page - National Semiconductor (TI) PC87591L Datasheet HTML 52Page - National Semiconductor (TI) PC87591L Datasheet HTML 53Page - National Semiconductor (TI) PC87591L Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 437 page
background image
2.0 Signal/Pin Description and Configuration (Continued)
www.national.com
50
Revision 1.07
2.2.10 PS/2 Interface
2.2.11 Strap Configuration
Signal
128-Pin
LQFP
176-Pin
LQFP
I/O
Buffer
Type
Power
Well
Description
PSCLK4-1
88, 86,
84, 82
118,
116,
114,
110
I/O
INT/O2/12
VCC PS/2 Channel 1 through 4 Clock signal.
PSDAT4-1
89, 87,
85, 83
119,
117,
115,
111
I/O
INT/O2/12
VCC PS/2 Channel 1 through 4 Data signal.
Signal
128-Pin
LQFP
176-Pin
LQFP
I/O
Buffer
Type
Power
Well
Description
BADDR1-0 95-94
127-126
I
INCS
VCC I/O Base Address. Sampled at VCC Power-Up
reset to determine the base address of the
configuration Index-Data register pair as follows:
No pull-up resistor: 2E16-2F16
10 K
Ω external pull-up
resistor on BADDR0:4E16-4F16
10 K
Ω external pull-up
resistor on BADDR1:Core defined
ENV1-0
93-92
125-124
I
INCS
VCC Environment Select 1 and 0. Sampled at VCC
Power-Up reset to determine the device
operation environment, either IRE, OBD or DEV.
Each pin is pulled to 0 (set environment to IRE =
00) by an internal resistor or set to 1 by an
external 10 K
Ω pull-up resistor.
For further details refer to Section 2.3 on
page 53.
SHBM
97
131
I
INCS
VCC Shared Host BIOS Memory. Sampled at VCC
Power-Up reset to determine the state of the
shared Host BIOS memory. Pulled to 0 (disables
the shared host BIOS memory) by an internal
resistor or set to 1 by an external 10 K
Ω pull-up
resistor to enable the shared BIOS mode.
TRIS
96
128
I
INCS
VCC TRI-STATE. Forces the device to float all its
output and I/O pins (except for DAC outputs and
32KX2) if an external pull-up resistor is
connected. Sampled at VCC Power-Up reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com