Electronic Components Datasheet Search
  English  ▼

X  

NCV7356 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV7356
Description  Single Wire CAN Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7356 Datasheet(HTML) 5 Page - ON Semiconductor

  NCV7356 Datasheet HTML 1Page - ON Semiconductor NCV7356 Datasheet HTML 2Page - ON Semiconductor NCV7356 Datasheet HTML 3Page - ON Semiconductor NCV7356 Datasheet HTML 4Page - ON Semiconductor NCV7356 Datasheet HTML 5Page - ON Semiconductor NCV7356 Datasheet HTML 6Page - ON Semiconductor NCV7356 Datasheet HTML 7Page - ON Semiconductor NCV7356 Datasheet HTML 8Page - ON Semiconductor NCV7356 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
NCV7356
www.onsemi.com
5
Electrical Specification
All voltages are referenced to ground (GND). Positive
currents flow into the IC. The maximum ratings given in
the table below are limiting values that do not lead to a
permanent damage of the device but exceeding any of these
limits may do so. Long term exposure to limiting values
may affect the reliability of the device.
MAXIMUM RATINGS
Rating
Symbol
Condition
Min
Max
Unit
Supply Voltage, Normal Operation
VBAT
−
−0.3
18
V
Short−Term Supply Voltage, Transient
VBAT.LD
Load Dump; t < 500 ms
−
40
V (peak)
Jump Start; t < 1.0 min
−
27
V
Transient Supply Voltage
VBAT.TR1
ISO 7637/1 Pulse 1 (Note 2)
−50
−
V
Transient Supply Voltage
VBAT.TR2
ISO 7637/1 Pulses 2 (Note 2)
−
100
V
Transient Supply Voltage
VBAT.TR3
ISO 7637/1 Pulses 3A, 3B
−200
200
V
CANH Voltage
VCANH
VBAT < 27 V
−20
40
V
VBAT = 0 V
−40
Transient Bus Voltage
VCANHTR1
ISO 7637/1 Pulse 1 (Note 3)
−50
−
V
Transient Bus Voltage
VCANHTR2
ISO 7637/1 Pulses 2 (Note 3)
−
100
V
Transient Bus Voltage
VCANHTR3
ISO 7637/1 Pulses 3A, 3B (Note 3)
−200
200
V
DC Voltage on Pin LOAD
VLOAD
Via RT > 2.0 k
W
−40
40
V
DC Voltage on Pins TxD, MODE1, MODE0, RxD
VDC
−
−0.3
7.0
V
ESD Capability of CANH
(Note 4)
VESDBUS
Human Body Model
(with respect to VBAT and GND)
Eq. to Discharge 100 pF with 1.5 k
W
−4000
4000
V
ESD Capability of Any Other Pin
(Note 4)
VESD
Human Body Model
Eq. to Discharge 100 pF with 1.5 k
W
−2000
2000
V
Maximum Latchup Free Current at Any Pin
ILATCH
−
−500
500
mA
Storage Temperature
TSTG
−
−55
150
°C
Junction Temperature
TJ
−
−40
150
°C
Peak Reflow Soldering Temperature: Pb−Free, 60 s to 150 s above 217
°C (Note 5)
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
2. ISO 7637 test pulses are applied to VBAT via a reverse polarity diode and >1.0 mF blocking capacitor.
3. ISO 7637 test pulses are applied to CANH via a coupling capacitance of 1.0 nF.
4. ESD measured per Q100−002 (EIA/JESD22−A114−A).
5. For additional information, please see or download the ON Semiconductor Soldering and Mounting Techniques Reference Manual,
SOLDERRM/D.
TYPICAL THERMAL CHARACTERISTICS
Parameter
Test Condition, Typical Value
Unit
Min Pad Board
1
, Pad Board
SOIC−8
Junction−to−Lead (psi−JL7,
YJL8) or Pins 6−7
57 (Note 6)
51 (Note 7)
°C/W
Junction−to−Ambient (RqJA, qJA)
187 (Note 6)
128 (Note 7)
°C/W
SOIC−14
Junction−to−Lead (psi−JL8,
YJL8)
30 (Note 8)
30 (Note 9)
°C/W
Junction−to−Ambient (RqJA, qJA)
122 (Note 8)
84 (Note 9)
°C/W
6. 1 oz copper, 53 mm2 coper area, 0.062
″ thick FR4.
7. 1 oz copper, 716 mm2 coper area, 0.062
″ thick FR4.
8. 1 oz copper, 94 mm2 coper area, 0.062
″ thick FR4.
9. 1 oz copper, 767 mm2 coper area, 0.062
″ thick FR4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com