Electronic Components Datasheet Search
  English  ▼

X  

NCV7356 Datasheet(PDF) 22 Page - ON Semiconductor

Part # NCV7356
Description  Single Wire CAN Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7356 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button NCV7356 Datasheet HTML 16Page - ON Semiconductor NCV7356 Datasheet HTML 17Page - ON Semiconductor NCV7356 Datasheet HTML 18Page - ON Semiconductor NCV7356 Datasheet HTML 19Page - ON Semiconductor NCV7356 Datasheet HTML 20Page - ON Semiconductor NCV7356 Datasheet HTML 21Page - ON Semiconductor NCV7356 Datasheet HTML 22Page - ON Semiconductor NCV7356 Datasheet HTML 23Page - ON Semiconductor NCV7356 Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
NCV7356
www.onsemi.com
22
0.01
1
10
100
1000
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Time (s)
Figure 25. SOIC−14 Single Pulse Heating
Cu Area = 96 mm2 1.0 oz.
Cu Area = 767 mm2 1.0 oz.
0.1
Cu Area = 767 mm2 1.0 oz. 1S2P
0.20
0.01
1
10
100
1000
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
PULSE DURATION (sec)
D = 0.50
0.1
Cu Area = 717 mm2 1.0 oz.
0.10
0.05
0.01
Figure 26. SOIC−14 Thermal Duty Cycle Curves on 1
, Spreader Test Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com