Electronic Components Datasheet Search
  English  ▼

X  

NCV7356 Datasheet(PDF) 19 Page - ON Semiconductor

Part # NCV7356
Description  Single Wire CAN Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7356 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button NCV7356 Datasheet HTML 15Page - ON Semiconductor NCV7356 Datasheet HTML 16Page - ON Semiconductor NCV7356 Datasheet HTML 17Page - ON Semiconductor NCV7356 Datasheet HTML 18Page - ON Semiconductor NCV7356 Datasheet HTML 19Page - ON Semiconductor NCV7356 Datasheet HTML 20Page - ON Semiconductor NCV7356 Datasheet HTML 21Page - ON Semiconductor NCV7356 Datasheet HTML 22Page - ON Semiconductor NCV7356 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
NCV7356
www.onsemi.com
19
Junction
Ambient
(thermal ground)
R1
R2
C1
C2
C3
Cn
Rn
R3
Time constants are not simple RC products.
Amplitudes of mathematical solution are not the resistance values.
Figure 16. Grounded Capacitor Thermal Network (“Cauer” Ladder)
Figure 17. Non−Grounded Capacitor Thermal Ladder (“Foster” Ladder)
Junction
Ambient
(thermal ground)
R1
R2
C1
C2
C3
Cn
Rn
R3
Each rung is exactly characterized by its RC−product time constant; Am-
plitudes are the resistances
1
10
100
1000
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Time (s)
Figure 18. SOIC−8 Single Pulse Heating Curve
Cu Area = 53 mm2 1.0 oz.
Cu Area = 719 mm2 1.0 oz.
0.1
Cu Area = 93 mm2 1.0 oz.
0.20
1
10
100
1000
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Time (s)
D = 0.50
0.1
Single Pulse
0.10
0.02
0.01
Figure 19. SOIC−8 Thermal Duty Cycle Curves on 1
, Spreader Test Board
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com