Electronic Components Datasheet Search
  English  ▼

X  

NCV7356 Datasheet(PDF) 20 Page - ON Semiconductor

Part # NCV7356
Description  Single Wire CAN Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7356 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button NCV7356 Datasheet HTML 16Page - ON Semiconductor NCV7356 Datasheet HTML 17Page - ON Semiconductor NCV7356 Datasheet HTML 18Page - ON Semiconductor NCV7356 Datasheet HTML 19Page - ON Semiconductor NCV7356 Datasheet HTML 20Page - ON Semiconductor NCV7356 Datasheet HTML 21Page - ON Semiconductor NCV7356 Datasheet HTML 22Page - ON Semiconductor NCV7356 Datasheet HTML 23Page - ON Semiconductor NCV7356 Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
NCV7356
www.onsemi.com
20
SOIC−14 Thermal Information
Parameter
Test Condition, Typical Value
Unit
Min Pad Board
(Note 25)
1
, Pad Board
(Note 26)
Junction−to−Lead (psi−JL8,
YJL8)
30
30
°C/W
Junction−to−Ambient (RqJA, qJA)
122
84
°C/W
25. 1 oz copper, 94 mm2 coper area, 0.062
″ thick FR4.
26. 1 oz copper, 767 mm2 coper area, 0.062
″ thick FR4.
Figure 20. Internal construction of the package
simulation.
Figure 21. Min pad is shown as the red traces.
1 inch pad includes the yellow area. Pin 1, 7, 8 and
14 are connected to flag internally to the package
and externally to the heat spreading area.
60
70
80
90
100
110
120
130
140
150
0
100
200
300
400
500
600
800
2.0 oz. Cu
Copper Area (mm2)
1.0 oz. Cu
700
Figure 22. SOIC−14,
qJA as a Function of the Pad Copper Area Including Traces,
Board Material
900
Sim 1.0 oz.
Sim 2.0 oz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com