Electronic Components Datasheet Search
  English  ▼

X  

NCV7356 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV7356
Description  Single Wire CAN Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7356 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV7356 Datasheet HTML 3Page - ON Semiconductor NCV7356 Datasheet HTML 4Page - ON Semiconductor NCV7356 Datasheet HTML 5Page - ON Semiconductor NCV7356 Datasheet HTML 6Page - ON Semiconductor NCV7356 Datasheet HTML 7Page - ON Semiconductor NCV7356 Datasheet HTML 8Page - ON Semiconductor NCV7356 Datasheet HTML 9Page - ON Semiconductor NCV7356 Datasheet HTML 10Page - ON Semiconductor NCV7356 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
NCV7356
www.onsemi.com
7
ELECTRICAL CHARACTERISTICS (continued) (VBAT = 5.0 to 27 V, TA = −40 to +125°C, unless otherwise specified.)
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
TXD, MODE0, MODE1
High Level Input Voltage
Vih
6.0 < VBAT < 27 V
2.0
−
−
V
Low Level Input Voltage
Vil
6.0 < VBAT < 27 V
−
−
0.8
V
TxD Pullup Current
−IIL_TXD
TxD = L, MODE0 and 1 = H
5.0 < VBAT < 27 V
10
−
50
mA
MODE0 and 1 Pulldown Resistor
RMODE_pd
10
−
50
k
W
RXD
Low Level Output Voltage
Vol_rxd
IRxD = 2.0 mA
−
−
0.4
V
High Level Output Leakage
Iih_rxd
VRxD = 5.0 V
−10
−
10
mA
RxD Output Current
Irxd
VRxD = 5.0 V
−
−
70
mA
INH (14 Pin Package Only)
High Level Output Voltage
Voh_INH
IINH = −180 mA
VBAT −0.8
VBAT −0.5
VBAT
V
Leakage Current
IINH_lk
MODE0 = MODE1 = L, INH = 0 V
−5.0
−
5.0
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
TYPICAL CHARACTERISTICS
Figure 3. Normal Mode Supply Current
Dominant vs. VBAT
VBAT
20
15
10
5
0
5
10
15
20
30
35
25
Figure 4. Normal Mode Supply Current
Dominant vs. Temperature
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
0
5
10
15
20
30
35
120
100
Figure 5. Sleep Mode Supply Current vs. Temperature
TEMPERATURE (
°C)
80
60
40
20
0
−20
−40
0
10
20
30
40
50
60
120
100
25
25
VBAT = 27 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com