Electronic Components Datasheet Search
  English  ▼

X  

NCV7356 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV7356
Description  Single Wire CAN Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7356 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV7356 Datasheet HTML 5Page - ON Semiconductor NCV7356 Datasheet HTML 6Page - ON Semiconductor NCV7356 Datasheet HTML 7Page - ON Semiconductor NCV7356 Datasheet HTML 8Page - ON Semiconductor NCV7356 Datasheet HTML 9Page - ON Semiconductor NCV7356 Datasheet HTML 10Page - ON Semiconductor NCV7356 Datasheet HTML 11Page - ON Semiconductor NCV7356 Datasheet HTML 12Page - ON Semiconductor NCV7356 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
NCV7356
www.onsemi.com
9
BUS LOADING REQUIREMENTS
Characteristic
Symbol
Min
Typ
Max
Unit
Number of System Nodes
−
2
−
32
−
Network Distance Between Any Two ECU Nodes
Bus Length
−
−
60
m
Node Series Inductor Resistance (If required)
Rind
−
−
3.5
W
Ground Offset Voltage
Vgoff
−
−
1.3
V
Ground Offset Voltage, Low Battery
Vgofflowbat
−
0.1 x VBAT
0.7
V
Device Capacitance (Unit Load)
Cul
135
150
300
pF
Network Total Capacitance
Ctl
396
−
19000
pF
Device Resistance (Unit Load)
Rul
6435
6490
6565
W
Device Resistance (Min Load)
Rmin
2000
−
−
W
Network Total Resistance
Rtl
200
−
4596
W
Network Time Constant (Note 22)
t
1.0
−
4.0
ms
Network Time Constant in High−Speed Mode
t
−
−
1.5
ms
High−Speed Mode Network Resistance to GND
Rload
75
−
135
W
22. The network time constant incorporates the bus wiring capacitance. The minimum value is selected to limit radiated emission. The maximum
value is selected to ensure proper communication modes. Not all combinations of R and C are possible.
TIMING DIAGRAMS
Figure 6. Input/Output Timing
tTr
VCANH
VRxD
50%
VTxD
50%
t
t
t
tRD
tDR
tTf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com