Electronic Components Datasheet Search
  English  ▼

X  

NCV7356 Datasheet(PDF) 12 Page - ON Semiconductor

Part # NCV7356
Description  Single Wire CAN Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7356 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button NCV7356 Datasheet HTML 8Page - ON Semiconductor NCV7356 Datasheet HTML 9Page - ON Semiconductor NCV7356 Datasheet HTML 10Page - ON Semiconductor NCV7356 Datasheet HTML 11Page - ON Semiconductor NCV7356 Datasheet HTML 12Page - ON Semiconductor NCV7356 Datasheet HTML 13Page - ON Semiconductor NCV7356 Datasheet HTML 14Page - ON Semiconductor NCV7356 Datasheet HTML 15Page - ON Semiconductor NCV7356 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
NCV7356
www.onsemi.com
12
Bus LOAD Pin
Resistor ground connection with internal open−on−loss−
of−ground protection
When the ECU experiences a loss of ground condition,
this pin is switched to a high impedance state.
The ground connection through this pin is not interrupted
in any transceiver operating mode including the sleep
mode. The ground connection only is interrupted when
there is a valid loss of ground condition.
This pin provides the bus load resistor with a path to
ground which contributes less than 0.1 V to the bus offset
voltage when sinking the maximum current through one
unit load resistor. This path exists in all operating modes,
including the sleep mode.
The
transceiver’s maximum bus leakage current
contribution to Vol from the LOAD pin when in a loss of
ground state is 50
mA over all operating temperatures and
3.5 < VBAT < 27 V.
VBAT Input Pin
Vehicle Battery Voltage
The transceiver is fully operational as described in the
Electrical Characteristics Table over the range 6.0 V <
VBAT < 18 V as measured between the GND pin and the
VBAT pin.
For 5.0 V < VBat < 6.0 V, the bus operates in normal
mode with reduced dominant output voltage and reduced
receiver input voltage. High voltage wake−up is not
possible (dominant output voltage is the same as in normal
or high−speed mode).
The transceiver operates in normal mode when 18 V <
VBat < 27 V at 85
°C for one minute.
CAN BUS
Input/Output Pin
Wave Shaping in Normal and High Voltage Wake−Up
Mode
Wave shaping is incorporated into the transmitter to
minimize
EMI
radiated
emissions.
An
important
contributor to emissions is the rise and fall times during
output transitions at the “corners” of the voltage waveform.
The resultant waveform is one half of a sin wave of
frequency 50−65 kHz at the rising waveform edge and one
quarter of this sin wave at falling or trailing edge.
Wave Shaping in High−Speed Mode
Wave shaping control of the rising and falling waveform
edges are disabled during high−speed mode. EMI
emissions requirements are waived during this mode. The
waveform rise time in this mode is less than 1.0
ms.
Short Circuits
If the CAN BUS pin is shorted to ground for any duration
of time, the current is limited as specified in the Electrical
Characteristics Table until an overtemperature shutdown
circuit disables the output high side drive source transistor
preventing damage to the IC.
Loss of Ground
In case of a valid loss of ground condition, the LOAD pin
is switched into high impedance state. The CANH
transmission is continued until the undervoltage lock out
voltage threshold is detected.
Loss of Battery
In case of loss of battery (VBAT = 0 or open) the
transceiver does not disturb bus communication. The
maximum reverse current into the power supply system
(VBAT) doesn’t exceed 500
mA.
INH Pin (14 pin package only)
The INH pin is a high−voltage highside switch used to
control the ECU’s regulated microcontroller power supply.
After power−on, the transceiver automatically enters an
intermediate standby mode, the INH output will go high
(up to VBAT) turning on the external voltage regulator. The
external regulator provides power to the ECU. If there is no
mode change within 250 ms (typ), the transceiver re−enters
the sleep mode and the INH output goes to logic 0
(floating).
When the transceiver has detected a valid wake−up
condition (bus HVWU traffic which exceeds the wake−up
filter time delay) the INH output will become high (up to
VBAT) again and the same procedure starts as described
after power−on. In case of a mode change into any active
mode, the sleep timer is stopped and INH stays high (up to
VBAT). If the transceiver enters the sleep mode, INH goes
to logic 0 (floating) after 250 ms (typ) when no wake−up
signal is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com