Electronic Components Datasheet Search
  English  ▼

X  

NCV7356 Datasheet(PDF) 23 Page - ON Semiconductor

Part # NCV7356
Description  Single Wire CAN Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7356 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button NCV7356 Datasheet HTML 16Page - ON Semiconductor NCV7356 Datasheet HTML 17Page - ON Semiconductor NCV7356 Datasheet HTML 18Page - ON Semiconductor NCV7356 Datasheet HTML 19Page - ON Semiconductor NCV7356 Datasheet HTML 20Page - ON Semiconductor NCV7356 Datasheet HTML 21Page - ON Semiconductor NCV7356 Datasheet HTML 22Page - ON Semiconductor NCV7356 Datasheet HTML 23Page - ON Semiconductor NCV7356 Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
NCV7356
www.onsemi.com
23
PACKAGE DIMENSIONS
SOIC−14
CASE 751A−03
ISSUE K
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE PROTRUSION
SHALL BE 0.13 TOTAL IN EXCESS OF AT
MAXIMUM MATERIAL CONDITION.
4. DIMENSIONS D AND E DO NOT INCLUDE
MOLD PROTRUSIONS.
5. MAXIMUM MOLD PROTRUSION 0.15 PER
SIDE.
H
14
8
7
1
M
0.25
B M
C
h
X 45
SEATING
PLANE
A1
A
M
_
S
A
M
0.25
B S
C
b
13X
B
A
E
D
e
DETAIL A
L
A3
DETAIL A
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
D
8.55
8.75
0.337
0.344
E
3.80
4.00
0.150
0.157
A
1.35
1.75
0.054
0.068
b
0.35
0.49
0.014
0.019
L
0.40
1.25
0.016
0.049
e
1.27 BSC
0.050 BSC
A3
0.19
0.25
0.008
0.010
A1
0.10
0.25
0.004
0.010
M
0
7
0
7
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.019
__
__
6.50
14X
0.58
14X
1.18
1.27
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT*
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com