Electronic Components Datasheet Search
  English  ▼

X  

NCV7356 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCV7356
Description  Single Wire CAN Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7356 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCV7356 Datasheet HTML 9Page - ON Semiconductor NCV7356 Datasheet HTML 10Page - ON Semiconductor NCV7356 Datasheet HTML 11Page - ON Semiconductor NCV7356 Datasheet HTML 12Page - ON Semiconductor NCV7356 Datasheet HTML 13Page - ON Semiconductor NCV7356 Datasheet HTML 14Page - ON Semiconductor NCV7356 Datasheet HTML 15Page - ON Semiconductor NCV7356 Datasheet HTML 16Page - ON Semiconductor NCV7356 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
NCV7356
www.onsemi.com
13
Figure 9. State Diagram, 8 Pin Package
HVWU Mode
MODE1
high
VBATon
MODE0
low
High−Speed Mode
MODE1
low
MODE0
high
Normal Mode
MODE1
high
MODE0
high
Sleep Mode
CAN
float
(1) low after HVWU, high after VBAT on & VCCECU present
wake−up
request
from Bus
after 250 ms
−> no mode change
−> no valid wake−up
MODE0/1 => High
(If VCC_ECU on)
MODE0&1 => Low
MODE0/1 => High
VBAT standby
RxD
high/low(1)
MODE0/1
low
CAN
float
MODE0/1
low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com