Electronic Components Datasheet Search
  English  ▼

X  

NCV7356 Datasheet(PDF) 21 Page - ON Semiconductor

Part # NCV7356
Description  Single Wire CAN Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7356 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button NCV7356 Datasheet HTML 16Page - ON Semiconductor NCV7356 Datasheet HTML 17Page - ON Semiconductor NCV7356 Datasheet HTML 18Page - ON Semiconductor NCV7356 Datasheet HTML 19Page - ON Semiconductor NCV7356 Datasheet HTML 20Page - ON Semiconductor NCV7356 Datasheet HTML 21Page - ON Semiconductor NCV7356 Datasheet HTML 22Page - ON Semiconductor NCV7356 Datasheet HTML 23Page - ON Semiconductor NCV7356 Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
NCV7356
www.onsemi.com
21
Table 2. SOIC−14 Thermal RC Network Models*
96 mm2
767 mm2
Copper Area
96 mm2
767 mm2
Copper Area
Cauer Network
Foster Network
C’s
C’s
Units
Tau
Tau
Units
3.12E−05
3.12E−05
W−s/C
1.00E−06
1.00E−06
sec
1.21E−04
1.21E−04
W−s/C
1.00E−05
1.00E−05
sec
3.53E−04
3.50E−04
W−s/C
1.00E−04
1.00E−04
sec
1.19E−03
1.19E−03
W−s/C
0.028
0.001
sec
4.86E−03
5.05E−03
W−s/C
0.001
0.009
sec
2.17E−02
7.16E−03
W−s/C
0.280
0.047
sec
8.94E−02
3.51E−02
W−s/C
2.016
0.875
sec
0.304
0.262
W−s/C
16.64
7.53
sec
1.71
2.43
W−s/C
59.47
68.4
sec
411
W−s/C
92.221
sec
R’s
R’s
R’s
R’s
0.041
0.041
°C/W
2.44E−02
2.44E−02
°C/W
0.095
0.096
°C/W
5.28E−02
5.28E−02
°C/W
0.279
0.281
°C/W
1.67E−01
1.67E−01
°C/W
1.154
0.995
°C/W
3.5
0.7
°C/W
5.621
6.351
°C/W
0.7
0.1
°C/W
13.180
1.910
°C/W
8.7
5.8
°C/W
23.823
21.397
°C/W
15.9
16.4
°C/W
53.332
27.150
°C/W
31.9
27.1
°C/W
24.794
25.276
°C/W
61.3
29.0
°C/W
0.218
°C/W
4.3
°C/W
*Bold face items in the Cauer network above, represent the package without the external thermal system. The Bold face items in the Foster network
are computed by the square root of time constant R(t) = 24.4 * sqrt(time(sec)). The constant is derived based on the active area of the device
with silicon and epoxy at the interface of the heat generation.
The
Cauer
networks
generally
have
physical
significance and may be divided between nodes to separate
thermal behavior due to one portion of the network from
another. The Foster networks, though when sorted by time
constant (as above) bear a rough correlation with the Cauer
networks, are really only convenient mathematical models.
Both Foster and Cauer networks can be easily implemented
using circuit simulating tools, whereas Foster networks
may be more easily implemented using mathematical tools
(for instance, in a spreadsheet program), according to the
following formula:
R(t)
+
n
S
i
+ 1
Ri 1−e
−t taui
Junction
Ambient
(thermal ground)
R1
R2
C1
C2
C3
Cn
Rn
R3
Time constants are not simple RC products.
Amplitudes of mathematical solution are not the resistance values.
Figure 23. Grounded Capacitor Thermal Network (“Cauer” Ladder)
Figure 24. Non−Grounded Capacitor Thermal Ladder (“Foster” Ladder)
Junction
Ambient
(thermal ground)
R1
R2
C1
C2
C3
Cn
Rn
R3
Each rung is exactly characterized by its RC−product time constant; Am-
plitudes are the resistances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com