Electronic Components Datasheet Search
  English  ▼

X  

NCV7356 Datasheet(PDF) 15 Page - ON Semiconductor

Part # NCV7356
Description  Single Wire CAN Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7356 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button NCV7356 Datasheet HTML 11Page - ON Semiconductor NCV7356 Datasheet HTML 12Page - ON Semiconductor NCV7356 Datasheet HTML 13Page - ON Semiconductor NCV7356 Datasheet HTML 14Page - ON Semiconductor NCV7356 Datasheet HTML 15Page - ON Semiconductor NCV7356 Datasheet HTML 16Page - ON Semiconductor NCV7356 Datasheet HTML 17Page - ON Semiconductor NCV7356 Datasheet HTML 18Page - ON Semiconductor NCV7356 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
NCV7356
www.onsemi.com
15
Figure 11. Application Circuitry, 8 Pin Package
NCV7356
VBAT
*
2.7 k
W
5
4
RxD
2
MODE0
3
MODE1
1
TxD
7
6
LOAD
CANH
6.49 k
W
VBAT_ECU
100 pF
VBAT
8
GND
100 pF
47
mH
ESD Protection −
NUP1105L
ECU Connector to
Single Wire CAN Bus
*Recommended capacitance at VBAT_ECU > 1.0 mF (immunity to ISO7637/1 test pulses)
MRA4004T3
1 k
+
+
100 nF
Voltage Regulator
+5 V
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com