Electronic Components Datasheet Search
  English  ▼

X  

NCV7356 Datasheet(PDF) 17 Page - ON Semiconductor

Part # NCV7356
Description  Single Wire CAN Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7356 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button NCV7356 Datasheet HTML 13Page - ON Semiconductor NCV7356 Datasheet HTML 14Page - ON Semiconductor NCV7356 Datasheet HTML 15Page - ON Semiconductor NCV7356 Datasheet HTML 16Page - ON Semiconductor NCV7356 Datasheet HTML 17Page - ON Semiconductor NCV7356 Datasheet HTML 18Page - ON Semiconductor NCV7356 Datasheet HTML 19Page - ON Semiconductor NCV7356 Datasheet HTML 20Page - ON Semiconductor NCV7356 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
NCV7356
www.onsemi.com
17
SOIC−8 Thermal Information
Parameter
Test Condition, Typical Value
Unit
Min Pad Board
(Note 23)
1
, Pad Board
(Note 24)
Junction−to−Lead (psi−JL7,
YJL8) or Pins 6−7
57
51
°C/W
Junction−to−Ambient (RqJA, qJA)
187
128
°C/W
23. 1 oz copper, 53 mm2 coper area, 0.062
″ thick FR4.
24. 1 oz copper, 716 mm2 coper area, 0.062
″ thick FR4.
Package Construction
with and without Mold Compound
Figure 13. Internal construction of the
package simulation.
Figure 14. Min pad is shown as the red traces.
1
, pad includes the yellow area. Internal
construction is shown for later reference.
Various copper areas used
for heat spreading
Active Area (red)
Lead #1
0
100
200
300
400
500
600
800
2.0 oz. Cu
Figure 15. SOIC−8,
qJA as a Function of the Pad Copper
Area Including Traces,
Board Material
160
Copper Area (mm2)
1.0 oz. Cu
700
150
140
130
120
110
100
190
180
170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com