Electronic Components Datasheet Search
  English  ▼

X  

NCV7356 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV7356
Description  Single Wire CAN Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7356 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV7356 Datasheet HTML 2Page - ON Semiconductor NCV7356 Datasheet HTML 3Page - ON Semiconductor NCV7356 Datasheet HTML 4Page - ON Semiconductor NCV7356 Datasheet HTML 5Page - ON Semiconductor NCV7356 Datasheet HTML 6Page - ON Semiconductor NCV7356 Datasheet HTML 7Page - ON Semiconductor NCV7356 Datasheet HTML 8Page - ON Semiconductor NCV7356 Datasheet HTML 9Page - ON Semiconductor NCV7356 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
NCV7356
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS (VBAT = 5.0 to 27 V, TA = −40 to +125°C, unless otherwise specified.)
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
GENERAL
Undervoltage Lock Out
VBATuv
−
3.5
−
4.8
V
Supply Current, Recessive,
All Active Modes
IBATN
VBAT = 18 V,
TxD Open
Not High Speed Mode
−
5.0
6.0
mA
High Speed Mode
−
−
8.0
Normal Mode Supply Current,
Dominant
IBATN
(Note 11)
VBAT = 27 V, MODE0 = MODE1 = H,
TxD = L, Rload = 200 W
−
30
35
mA
High−Speed Mode Supply Current,
Dominant
IBATN
(Note 11)
VBAT = 16 V, MODE0 = H, MODE1 = L,
TxD = L, Rload = 75 W
−
70
75
mA
Wake−Up Mode Supply Current,
Dominant
IBATW
(Note 11)
VBAT = 27 V,
MODE0 = L, MODE1 = H,
TxD = L, Rload = 200 W
−
60
75
mA
Sleep Mode Supply Current (Note 10)
IBATS
VBAT = 13 V, TA = 85°C,
TxD, RxD, MODE0,
MODE1 Open
−
30
60
mA
Thermal Shutdown (Note 11)
TSD
−
155
−
180
°C
Thermal Recovery (Note 11)
TREC
−
126
−
150
°C
CANH
Bus Output Voltage
Voh
RL > 200 W, Normal Mode
6.0 V < VBAT < 27 V
4.4
−
5.1
V
Bus Output Voltage
Low Battery
Voh
RL > 200 W, Normal High−Speed Mode
5.0 V < VBAT < 6.0 V
3.4
−
5.1
V
Bus Output Voltage
High−Speed Mode
Voh
RL > 75 W, High−Speed Mode
8.0 V < VBAT < 16 V
4.2
−
5.1
V
HV Fixed Wake−Up
Output High Voltage
VohWuFix
Wake−Up Mode, RL > 200 W,
11.4 V < VBAT < 27 V
9.9
−
12.5
V
HV Offset Wake−Up
Output High Voltage
VohWuOffset
Wake−Up Mode, RL > 200 W,
5.0 V < VBAT < 11.4 V
VBAT –1.5
−
VBAT
V
Recessive State
Output Voltage
Vol
Recessive State or Sleep Mode,
Rload = 6.5 kW
−0.20
−
0.20
V
Bus Short Circuit Current
−ICAN_SHORT
VCANH = 0 V, VBAT = 27 V, TxD = 0 V
50
−
350
mA
Bus Leakage Current
During Loss of Ground
ILKN_CAN
(Note 12)
Loss of Ground, VCANH = 0 V
−50
−
10
mA
Bus Leakage Current, Bus Positive
ILKP_CAN
TxD High
−10
−
10
mA
Bus Input Threshold
Vih
Normal, High−Speed Mode, HVWU
6.0
v VBAT v 27 V
2.0
2.1
2.2
V
Bus Input Threshold Low Battery
Vihlb
Normal, VBAT = 5.0 V to 6.0 V
1.6
1.7
2.2
V
Fixed Wake−Up from Sleep
Input High Voltage Threshold
VihWuFix
(Note 11)
Sleep Mode, VBAT > 10.9 V
6.6
−
7.9
V
Offset Wake−Up from Sleep
Input High Voltage Threshold
VihWuOffset
(Note 11)
Sleep Mode
VBAT −4.3
−
VBAT −3.25
V
LOAD
Voltage on Switched Ground Pin
VLOAD_1mA
ILOAD = 1.0 mA
−
−
0.1
V
Voltage on Switched Ground Pin
VLOAD
ILOAD = 5.0 mA
−
−
0.5
V
Voltage on Switched Ground Pin
VLOAD_LOB
ILOAD = 7.0 mA, VBAT = 0 V
−
−
1.0
V
Load Resistance During Loss of
Battery
RLOAD_LOB
VBAT = 0
RLOAD
−10%
−
RLOAD
+35%
W
10. Characterization data supports IBATS < 65 mA with conditions VBAT = 18 V, TA = 125°C
11. Thresholds not tested in production, guaranteed by design.
12. Leakage current in case of loss of ground is the summary of both currents ILKN_CAN and ILKN_LOAD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com