Electronic Components Datasheet Search
  English  ▼

X  

NCV7356 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV7356
Description  Single Wire CAN Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7356 Datasheet(HTML) 4 Page - ON Semiconductor

  NCV7356 Datasheet HTML 1Page - ON Semiconductor NCV7356 Datasheet HTML 2Page - ON Semiconductor NCV7356 Datasheet HTML 3Page - ON Semiconductor NCV7356 Datasheet HTML 4Page - ON Semiconductor NCV7356 Datasheet HTML 5Page - ON Semiconductor NCV7356 Datasheet HTML 6Page - ON Semiconductor NCV7356 Datasheet HTML 7Page - ON Semiconductor NCV7356 Datasheet HTML 8Page - ON Semiconductor NCV7356 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
NCV7356
www.onsemi.com
4
PACKAGE PIN DESCRIPTION
SOIC−8
SOIC−14
Symbol
Description
1
2
TxD
Transmit data from microprocessor to CAN.
2
3
MODE0
Operating mode select input 0.
3
4
MODE1
Operating mode select input 1.
4
5
RxD
Receive data from CAN to microprocessor.
5
10
VBAT
Battery input voltage.
6
11
LOAD
Resistor load (loss of ground detection low side switch).
7
12
CANH
Single wire CAN bus pin.
8
1, 7, 8, 14
GND
Ground
−
6, 13
NC
No Connection (Note 1)
−
9
INH
Control pin for external voltage regulator (high voltage high side switch) (14 pin package only)
1. PWB terminal 13 can be connected to ground which will allow the board to be assembled with either the 8 pin package or the 14 pin package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com