Electronic Components Datasheet Search
  English  ▼

X  

NCV7356 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV7356
Description  Single Wire CAN Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7356 Datasheet(HTML) 3 Page - ON Semiconductor

  NCV7356 Datasheet HTML 1Page - ON Semiconductor NCV7356 Datasheet HTML 2Page - ON Semiconductor NCV7356 Datasheet HTML 3Page - ON Semiconductor NCV7356 Datasheet HTML 4Page - ON Semiconductor NCV7356 Datasheet HTML 5Page - ON Semiconductor NCV7356 Datasheet HTML 6Page - ON Semiconductor NCV7356 Datasheet HTML 7Page - ON Semiconductor NCV7356 Datasheet HTML 8Page - ON Semiconductor NCV7356 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
NCV7356
www.onsemi.com
3
Figure 2. 14−Pin Package Block Diagram
VBAT
NCV7356
5 V Supply
and
References
Biasing and
VBAT Monitor
RC−OSC
Wave Shaping
Time Out
TxD
MODE
CONTROL
MODE0
MODE1
RxD
Reverse
Current
Protection
CAN Driver
Feedback
Loop
Input Filter
Receive
Comparator
Loss of
Ground
Detection
CANH
LOAD
GND
Reverse
Current
Protection
RxD Blanking
Time Filter
INH
−IIL_TxD
3.6 V (max)*
Pull−Up
Voltage
*Not tested in production, guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com