Electronic Components Datasheet Search
  English  ▼

X  

TAS5518 Datasheet(PDF) 46 Page - Texas Instruments

Part # TAS5518
Description  TAS5518 8 Channel Digital Audio PWM Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TAS5518 Datasheet HTML 42Page - Texas Instruments TAS5518 Datasheet HTML 43Page - Texas Instruments TAS5518 Datasheet HTML 44Page - Texas Instruments TAS5518 Datasheet HTML 45Page - Texas Instruments TAS5518 Datasheet HTML 46Page - Texas Instruments TAS5518 Datasheet HTML 47Page - Texas Instruments TAS5518 Datasheet HTML 48Page - Texas Instruments TAS5518 Datasheet HTML 49Page - Texas Instruments TAS5518 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 102 page
background image
TAS5518 Controls and Status
37
SLES115 — August 2004
TAS5518
•
Recovery from Clock Error
•
Power Supply Volume Control Enable
•
Volume and Mute Update Rate
•
Modulation Index Limit
•
Inter-channel Delay
•
Master Clock and Data Rate Controls
•
Bank Controls
2.3.1 Channel Configuration Registers
In order for the TAS5518 to have full control of the power stages, registers 0x05 to 0x0C must be programmed
to reflect the proper power stage and how each one should be controlled. Channel configuration registers
consist of eight registers, one for each channel.
The primary reason for using these registers is that different power stages require different handling during
start up, mute/unmute, shutdown, and error recovery. The TAS5518 must select the sequence that gives the
best click and pop performance and insure that the bootstrap capacitor is charged correctly during start up.
This sequence depends on which power stage is present at the TAS5518 output.
Table 2−5. Description of the Channel Configuration Registers (0x05 to 0x0C)
BIT
DESCRIPTION
D7
Enable/disable error recovery sequence. In case the BKND_RECOVERY pin is pulled low, this register determines if this channel is
to follow the error recovery sequence or to continue with no interruption.
D6
Determines if the power stage needs the TAS5518 VALID pin to go low to reset the power stage. Some power stages can be reset
by a combination of PWM signals. For these devices, it is recommended to set this bit low, since the VALID pin is shared for power
stages. This provides better control of each power stage.
D5
Determines if the power stage needs the TAS5518 VALID pin to go low to mute the power stage. Some power stages can be muted
by a combination of PWM signals. For these devices, it is recommended to set this bit low, since the VALID pin is shared for power
stages. This provides better control of each power stage.
D4
Inverts the PWM output. Inverting the PWM output can be an advantage if the power stage input pin are opposite the TAS5518 PWM
pinout. This makes routing on the PCB easier. To keep the phase of the output the speaker terminals must also be inverted.
D3
The power stage TAS5182 has a special PWM input. To ensure that the TAS5518 has full control in all occasions, the PWM output
must be remapped.
D2
Can be used to handle click and pop for some applications.
D1
This bit is normally used together with D2. For some power stages, both PWM signals must be high to get the desired operation of
both speaker outputs to be low. This bit sets the PWM outputs high-high during mute.
D0
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com