Electronic Components Datasheet Search
  English  ▼

X  

TAS5518 Datasheet(PDF) 71 Page - Texas Instruments

Part # TAS5518
Description  TAS5518 8 Channel Digital Audio PWM Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TAS5518 Datasheet HTML 67Page - Texas Instruments TAS5518 Datasheet HTML 68Page - Texas Instruments TAS5518 Datasheet HTML 69Page - Texas Instruments TAS5518 Datasheet HTML 70Page - Texas Instruments TAS5518 Datasheet HTML 71Page - Texas Instruments TAS5518 Datasheet HTML 72Page - Texas Instruments TAS5518 Datasheet HTML 73Page - Texas Instruments TAS5518 Datasheet HTML 74Page - Texas Instruments TAS5518 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 102 page
background image
Serial Control I2C Register Summary
62
SLES115 — August 2004
TAS5518
I2C
SUBADDRESS
DEFAULT STATE
DESCRIPTION OF CONTENTS
REGISTER FIELDS
TOTAL
BYTES
0xA4
8
DRC bypass 3
Channel 3 DRC1 bypass coefficient
1.0
0xA4
8
DRC inline 3
Channel 3 DRC1 inline coefficient
0.0
0xA5
8
DRC bypass 4
Channel 4 DRC1 bypass coefficient
1.0
0xA5
8
DRC inline 4
Channel 4 DRC1 inline coefficient
0.0
0xA6
8
DRC bypass 5
Channel 5 DRC1 bypass coefficient
1.0
0xA6
8
DRC inline 5
Channel 5 DRC1 inline coefficient
0.0
0xA7
8
DRC bypass 6
Channel 6 DRC1 bypass coefficient
1.0
0xA7
8
DRC inline 6
Channel 6 DRC1 inline coefficient
0.0
0xA8
8
DRC bypass 7
Channel 7 DRC1 bypass coefficient
1.0
0xA8
8
DRC inline 7
Channel 7 DRC1 inline coefficient
0.0
0xA9
8
DRC bypass 8
Channel 8 DRC2 bypass coefficient
1.0
0xA9
8
DRC inline 8
Channel 8 DRC2 inline coefficient
0.0
0xAA
8
sel op1−8 and mix to S
Select 0 to 2 of eight channels to
output mixer S
Select channel 1 to PWM 1
0xAB
8
sel op1−8 and mix to T
Select 0 to 2 of eight channels to
output mixer T
Select channel 2 to PWM 2
0xAC
8
sel op1−8 and mix to U
Select 0 to 2 of eight channels to
output mixer U
Select channel 3 to PWM 3
0xAD
8
sel op1−8 and mix to V
Select 0 to 2 of eight channels to
output mixer V
Select channel 4 to PWM 4
0xAE
8
sel op1−8 and mix to W
Select 0 to 2 of eight channels to
output mixer W
Select channel 5 to PWM 5
0xAF
8
sel op1−8 and mix to X
Select 0 to 2 of eight channels to
output mixer X
Select channel 6 to PWM 6
0xB0
12
sel op1−8 and mix to Y
Select 0 to 3 of eight channels to
output mixer Y
Select channel 7 to PWM 7
0xB1
12
sel op1−8 and mix to Z
Select 0 to 3 of eight channels to
output mixer Z
Select channel 8 to PWM 8
0xB2–0xCE
RESERVED
0xCF
20
Volume biquad
Volume biquad
All pass
0xD0
4
Vol, T and B slew rates
U (31:24), U (23:16), U (15:12)
VSR(11:8), TBSR(7:0)
0x00, 0x00, 0x01, 0x3F
0xD1
4
Ch1 volume
Channel 1 volume
0 dB
0xD2
4
Ch2 volume
Channel 2 volume
0 dB
0xD3
4
Ch3 volume
Channel 3 volume
0 dB
0xD4
4
Ch4 volume
Channel 4 volume
0 dB
0xD5
4
Ch5 volume
Channel 5 volume
0 dB
0xD6
4
Ch6 volume
Channel 6 volume
0 dB
0xD7
4
Ch7 volume
Channel 7 volume
0 dB
0xD8
4
Ch8 volume
Channel 8 volume
0 dB
0xD9
4
Master volume
Master volume
Mute
OXDA
4
Bass filter set (1−5)
Bass filter set (all channels)
Filter set 3
0xDB
4
Bass filter index
Bass filter level (all channels)
0 dB
0xDC
4
Treble filter set (1−5)
Treble filter set (all channels)
Filter set 3
0xDD
4
Treble filter index
Treble filter level (all channels)
0 dB
0xDE
4
AM mode and tuned frequency
register
Set-up AM mode for AM-interference
reduction
AM mode disabled
Select sequence 1
IF frequency = 455 kHz
Use BCD-tuned frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com