Electronic Components Datasheet Search
  English  ▼

X  

TAS5518 Datasheet(PDF) 75 Page - Texas Instruments

Part # TAS5518
Description  TAS5518 8 Channel Digital Audio PWM Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518 Datasheet(HTML) 75 Page - Texas Instruments

Back Button TAS5518 Datasheet HTML 71Page - Texas Instruments TAS5518 Datasheet HTML 72Page - Texas Instruments TAS5518 Datasheet HTML 73Page - Texas Instruments TAS5518 Datasheet HTML 74Page - Texas Instruments TAS5518 Datasheet HTML 75Page - Texas Instruments TAS5518 Datasheet HTML 76Page - Texas Instruments TAS5518 Datasheet HTML 77Page - Texas Instruments TAS5518 Datasheet HTML 78Page - Texas Instruments TAS5518 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 102 page
background image
Serial Control Interface Register Definitions
66
SLES115 — August 2004
TAS5518
6.4
System Control Register 1 (0x03)
Bit D5, D2, D1, and D0 are Don’t Care.
Table 6−4. System Control Register 1
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
−
−
−
PWM high pass disabled
1
−
−
−
PWM high pass enabled
−
−
0
Soft unmute on recovery from clock error
−
−
1
Hard unmute on recovery from clock error
−
−
−
1
PSVC Hi-Z enable
−
−
−
0
PSVC Hi-Z disable
6.5
System Control Register 2 (0x04)
Bit D3 and D2 are Don’t Care.
Table 6−5. System Control Register 2
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
−
−
−
−
−
Reserved
−
0
−
−
−
−
PWM automute detection enabled
−
1
−
−
−
−
PWM automute detection disabled
0
−
−
−
8 Ch device input detection automute enabled
−
−
1
−
−
−
8 Ch device input detection automute disabled
−
−
−
0
−
−
Unmute threshold 6 dB over input threshold
−
−
−
1
−
−
Unmute threshold equal to input threshold
−
−
−
−
0
0
No de-emphasis
−
−
−
−
0
1
De-emphasis for Fs = 32 kHz
−
−
−
−
1
0
De-emphasis for Fs = 44.1 kHz
−
−
−
−
1
1
De-emphasis for Fs = 48 kHz
6.6
Channel Configuration Control Register (0x05−X0C)
Channels 1, 2, 3, 4, 5, 6, 7, and 8 are mapped into x05, x06, x07, x08, x09, x0A, x0B, and x0C.
Bit D0 is Don’t Care.
Table 6−6. Channel Configuration Control Registers
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
−
−
−
−
−
−
Disable backend reset sequence for a channel − BEErrorRecEn
1
−
−
−
−
−
−
Enable backend reset sequence for a channel
−
0
−
−
−
−
−
Valid does not have to be low for this channel to be reset BEValidRst
−
1
−
−
−
−
−
Valid must be low for this channel to be reset
−
−
0
−
−
−
−
Valid does not have to be low for this channel to be muted BEValidMute
−
−
1
−
−
−
−
Valid must be low for this channel to be muted
−
−
−
0
−
−
−
Normal BEPolarity
−
−
−
1
−
−
−
Switches PWM+ and PWM− and invert audio signal
−
−
−
−
0
−
−
Do not remap output to comply with 5182 interface
−
−
−
−
1
−
−
Remap output to comply with 5182 interface
−
−
−
−
−
0
−
Do not go to low low in mute − BELowMute
−
−
−
−
−
1
−
Go to low-low in Mute
−
−
−
−
−
−
0
Do not remap Hi-Z state to low-low state − BE5111BsMute
−
−
−
−
−
−
1
Remap Hi-Z state to low-low state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com