Electronic Components Datasheet Search
  English  ▼

X  

TAS5518 Datasheet(PDF) 63 Page - Texas Instruments

Part # TAS5518
Description  TAS5518 8 Channel Digital Audio PWM Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TAS5518 Datasheet HTML 59Page - Texas Instruments TAS5518 Datasheet HTML 60Page - Texas Instruments TAS5518 Datasheet HTML 61Page - Texas Instruments TAS5518 Datasheet HTML 62Page - Texas Instruments TAS5518 Datasheet HTML 63Page - Texas Instruments TAS5518 Datasheet HTML 64Page - Texas Instruments TAS5518 Datasheet HTML 65Page - Texas Instruments TAS5518 Datasheet HTML 66Page - Texas Instruments TAS5518 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 102 page
background image
Serial Audio Interface Control and Timing
54
SLES115 — August 2004
TAS5518
3.7.3 Right Justified
Right justified (RJ) timing uses an LRCLK to define when the data being transmitted is for the left channel and
when it is for the right channel. The LRCLK is high for the left channel and low for the right channel. A bit clock
running at 64 × Fs is used to clock in the data. The first bit of data appears on the data 8-bit clock periods (for
24-bit data) after LRCLK toggles. In RJ mode the LSB of data is always clocked by the last bit clock before
L/RCLK transitions. The data is written MSB first and is valid on the rising edge of bit clock. The TAS5518
masks unused leading data bit positions.
23 22
SCLK
32 Clks
LRCLK
Left Channel
24-Bit Mode
19 18
15 14
1
0
19 18
20-Bit Mode
15 14
1
0
16-Bit Mode
1
0
15 14
MSB
LSB
2-Channel Right-Justified (Sony Format) Stereo Input
23 22
32 Clks
Right Channel
19 18
15 14
1
0
19 18
15 14
1
0
1
0
15 14
MSB
LSB
NOTE: All data presented in 2s complement form with MSB first.
Figure 3−11. Right Justified 64 Fs Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com