Electronic Components Datasheet Search
  English  ▼

X  

TAS5518 Datasheet(PDF) 15 Page - Texas Instruments

Part # TAS5518
Description  TAS5518 8 Channel Digital Audio PWM Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TAS5518 Datasheet HTML 11Page - Texas Instruments TAS5518 Datasheet HTML 12Page - Texas Instruments TAS5518 Datasheet HTML 13Page - Texas Instruments TAS5518 Datasheet HTML 14Page - Texas Instruments TAS5518 Datasheet HTML 15Page - Texas Instruments TAS5518 Datasheet HTML 16Page - Texas Instruments TAS5518 Datasheet HTML 17Page - Texas Instruments TAS5518 Datasheet HTML 18Page - Texas Instruments TAS5518 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 102 page
background image
Introduction
6
SLES115 — August 2004
TAS5518
TERMINAL
DESCRIPTION
TERMIN-
ATION
5-V
TOLERANT
I/O
NO.
DESCRIPTION
TERMIN-
ATION
5-V
TOLERANT
I/O
NAME
7
VRD_PLL
P
Voltage reference for PLL digital supply 1.8 V. A pin-out of the internally regulated
1.8-V power used by PLL logic. A 0.1-µF low ESR capacitor should be connected
between this terminal and AVSS_PLL. This terminal must not be used to power
external devices.
8
AVSS_PLL
P
Analog ground for PLL. This terminal should reference the same ground as power
terminal DVSS, but to achieve low PLL jitter; ground noise at this terminal must be
minimized. The availability of the AVSS terminal allows a designer to use
optimizing techniques such as star ground connections, separate ground planes,
or other quiet ground distribution techniques to achieve a quiet ground reference
at this terminal.
9
AVDD_PLL
P
3.3-V analog power supply for PLL This terminal can be connected to the same
power source used to drive power terminal DVDD, but to achieve low PLL jitter, this
terminal should be bypassed to AVSS_PLL with a 0.1-µF low-ESR capacitor.
10
VBGAP
P
Band gap voltage reference. A pin-out of the internally regulated 1.2-V reference.
Typically has a 1-nF low ESR capacitor between VBGAP and AVSS_PLL. This
terminal must not be used to power external devices.
11
RESET
DI
5 V
Pull up
System reset input, active low. A system reset is generated by applying a logic low
to this terminal. RESET is an asynchronous control signal that restores the
TAS5518 to its default conditions, sets the valid output low, and places the PWM
in the hard mute (M) state. Master volume is immediately set to full attenuation.
Upon the release of RESET, if PDN is high, the system performs a 4−5 ms. device
initialization and set the volume at mute.
12
HP_SEL
DI
5 V
Pull up
Headphone in/out selector. When a logic low is applied, the headphone is selected
(speakers are off). When a logic high is applied, speakers are selected –
headphone is off.
13
PDN
DI
5 V
Pull up
Power down, active low. PDN powers down all logic and stops all clocks whenever
a logic low is applied. The internal parameters are preserved through a power down
cycle, as long as a RESET is not active. The duration for system recovery from
power down is 100 ms.
14
MUTE
DI
5 V
Pull up
Soft mute of outputs, active low (Muted signal = a logic low, normal operation = a
logic high) The mute control provides a noiseless volume ramp to silence.
Releasing mute provides a noiseless ramp to previous volume.
15
DVDD
P
Digital power 3.3-V supply for digital core and most of I/O buffers
16
DVSS
P
Digital ground for digital core and most of I/O buffers
17
VR_DPLL
P
Voltage reference for digital PLL supply 1.8 V. A pin-out of the internally regulated
1.8-V power used by digital PLL logic. A 0.1−µF low ESR capacitor should be
connected between this terminal and DVSS_CORE. This terminal must not be
used to power external devices.
18
OSC_CAP
AO
Oscillator capacitor
19
XTL_OUT
AO
XTL_OUT and XTL_IN are the only LVCMOS terminals on the device. They
provide a reference clock for the TAS5518 via use of an external fundamental mode
crystal. XTL_OUT is the 1.8-V output drive to the crystal. See Note 4 for the
recommended crystal type.
20
XTL_IN
AI
XTL_OUT and XTL_IN are the only LVCMOS terminals on the device. They
provide a reference clock for the TAS5518 via use of an external fundamental mode
crystal. XTL_IN is the 1.8-V input port for the oscillator circuit. See Note 4 for the
recommended crystal type.
21
RESERVED
Connect to digital ground
22
RESERVED
Connect to digital ground
23
RESERVED
Connect to digital ground
24
SDA
DIO
5 V
I2C serial control data interface input / output
25
SCL
DI
5 V
I2C serial control clock input output
26
LRCLK
DI
5 V
Serial audio data left / right clock (sampling rate clock)
27
SCLK
DI
5 V
Serial audio data clock (shift clock) SCLKIN is the serial audio port (SAP) input data
bit clock that is supplied to the serial bit clock to other I2S bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com