Electronic Components Datasheet Search
  English  ▼

X  

TAS5518 Datasheet(PDF) 81 Page - Texas Instruments

Part # TAS5518
Description  TAS5518 8 Channel Digital Audio PWM Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TAS5518 Datasheet HTML 77Page - Texas Instruments TAS5518 Datasheet HTML 78Page - Texas Instruments TAS5518 Datasheet HTML 79Page - Texas Instruments TAS5518 Datasheet HTML 80Page - Texas Instruments TAS5518 Datasheet HTML 81Page - Texas Instruments TAS5518 Datasheet HTML 82Page - Texas Instruments TAS5518 Datasheet HTML 83Page - Texas Instruments TAS5518 Datasheet HTML 84Page - Texas Instruments TAS5518 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 102 page
background image
Serial Control Interface Register Definitions
72
SLES115 — August 2004
TAS5518
6.15 Input Mixer Registers (0x41 – 0x48, Channels 1 − 8)
Input mixers 1, 2, 3, 4, 5, 6, 7, and 8 are mapped into registers 0x41, 0x42, 0x43, 0x44, 0x45, 0x46, 0x47, and
0x48.
Each gain coefficient is in 28-bit (5.23) format so 0x800000 is a gain of 1. Each gain coefficient is written as
a 32-bit word with the upper 4 bits not used. For 8-gain coefficients, the total is 32 bytes.
Bold indicates the one channel that is passed through the mixer.
Table 6−16. Input Mixer Registers Format (0x41 – 0x48, Channels 1 − 8)
I2C
SUBADDRESS
TOTAL
BYTES
REGISTER
FIELDS
DESCRIPTION OF CONTENTS
DEFAULT STATE
A_to_ipmix[1]
SDIN1−Left (Ch 1) A to Input Mixer 1 coefficient (default = 1)
U (31:28), A_1 (27:24), A_1 (23:16), A_1 (15:8), A_1 (7:0)
0x00, 0x80, 0x00, 0x00
B_to_ipmix[1]
SDIN1−Right (Ch 2) B to Input Mixer 1 coefficient (default = 0)
U (31:28), B_1 (27:24), B_1 (23:16), B_1 (15:8), B_1 (7:0)
0x00, 0x00, 0x00, 0x00
C_to_ipmix[1]
SDIN2−Left (Ch 3) C to Input Mixer 1 coefficient (default = 0)
U (31:28), C_1 (27:24), C_1 (23:16), C_1 (15:8), C_1 (7:0)
0x00, 0x00, 0x00, 0x00
0x41
32
D_to_ipmix[1]
SDIN2−Right (Ch 4) D to Input Mixer 1 coefficient (default = 0)
U (31:28), D_1 (27:24), D_1 (23:16), D_1 (15:8), D_1 (7:0)
0x00, 0x00, 0x00, 0x00
0x41
32
E_to_ipmix[1]
SDIN3−Left (Ch 5) E to Input Mixer 1 coefficient (default = 0)
U (31:28), E_1 (27:24), E_1 (23:16), E_1 (15:8), E_1 (7:0)
0x00, 0x00, 0x00, 0x00
F_to_ipmix[1]
SDIN3−Right (Ch 6) F to Input Mixer 1 coefficient (default = 0)
U (31:28), F_1 (27:24), F_1 (23:16), F_1 (15:8), F_1 (7:0)
0x00, 0x00, 0x00, 0x00
G_to_ipmix[1]
SDIN4−Left (Ch 7) G to Input Mixer 1 coefficient (default = 0)
U (31:28), G_1 (27:24), G_1 (23:16), G_1 (15:8), G_1 (7:0)
0x00, 0x00, 0x00, 0x00
H_to_ipmix[1]
SDIN4−Right (Ch 8) H to Input Mixer 1 coefficient (default = 0)
U (31:28), H_1 (27:24), H_1 (23:16), H_1 (15:8), H_1 (7:0)
0x00, 0x00, 0x00, 0x00
A_to_ipmix[2]
SDIN1−Left (Ch 1) A to Input Mixer 2 coefficient (default = 0)
U (31:28), A_2 (27:24), A_2 (23:16), A_2 (15:8), A_2 (7:0)
0x00, 0x00, 0x00, 0x00
B_to_ipmix[2]
SDIN1−Right (Ch 2) B to Input Mixer 2 coefficient (default = 1)
U (31:28), B_2 (27:24), B_2 (23:16), B_2 (15:8), B_2 (7:0)
0x00, 0x80, 0x00, 0x00
C_to_ipmix[2]
SDIN2−Left (Ch 3) C to Input Mixer 2 coefficient (default = 0)
U (31:28), C_2(27:24), C_2(23:16), C_2(15:8), C_2(7:0)
0x00, 0x00, 0x00, 0x00
0x42
32
D_to_ipmix[2]
SDIN2−Right (Ch 4) D to Input Mixer 2 coefficient (default = 0)
U (31:28), D_2 (27:24), D_2 (23:16), D_2 (15:8), D_2 (7:0)
0x00, 0x00, 0x00, 0x00
0x42
32
E_to_ipmix[2]
SDIN3−Left (Ch 5) E to Input Mixer 2 coefficient (default = 0)
U (31:28), E_2 (27:24), E_2 (23:16), E_2 (15:8), E_2 (7:0)
0x00, 0x00, 0x00, 0x00
F_to_ipmix[2]
SDIN3−Right (Ch 6) F to Input Mixer 2 coefficient (default = 0)
U (31:28), F_2 (27:24), F_2 (23:16), F_2 (15:8), F_2 (7:0)
0x00, 0x00, 0x00, 0x00
G_to_ipmix[2]
SDIN4−Left (Ch 7) G to Input Mixer 2 coefficient (default = 0)
U (31:28), G_2 (27:24), G_2 (23:16), G_2 (15:8), G_2 (7:0)
0x00, 0x00, 0x00, 0x00
H_to_ipmix[2]
SDIN4−Right (Ch 8) H to Input Mixer 2 coefficient (default = 0)
U (31:28), H_2 (27:24), H_2 (23:16), H_2 (15:8), H_2 (7:0)
0x00, 0x00, 0x00, 0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com