Electronic Components Datasheet Search
  English  ▼

X  

TAS5518 Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS5518
Description  TAS5518 8 Channel Digital Audio PWM Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5518 Datasheet HTML 6Page - Texas Instruments TAS5518 Datasheet HTML 7Page - Texas Instruments TAS5518 Datasheet HTML 8Page - Texas Instruments TAS5518 Datasheet HTML 9Page - Texas Instruments TAS5518 Datasheet HTML 10Page - Texas Instruments TAS5518 Datasheet HTML 11Page - Texas Instruments TAS5518 Datasheet HTML 12Page - Texas Instruments TAS5518 Datasheet HTML 13Page - Texas Instruments TAS5518 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
Introduction
1
SLES115 — August 2004
TAS5518
1
Introduction
The TAS5518 is an eight channel digital pulse width a modulator (PWM) that provides superior dynamic range
performance and a high level of system integration. The typical dynamic range in a well-designed system is
110 dB and the power supply volume control (PSVC) feature provides up to 24 dB of additional dynamic range
at normal listening levels.
The TAS5518 is designed to interface seamlessly with most audio digital signal processors. This device
automatically adjusts control configurations in response to clock and data rate changes and idle conditions.
This enables the TAS5518 to provide an easy to use control interface with relaxed timing requirements.
The TAS5518 can drive eight channels of H-bridge power stages. Texas Instruments H-bridge devices
TAS5111, TAS5112, and TAS5182 + FETs are designed to work seamlessly with the TAS5518. The TAS5518
supports both single-ended or bridge-tied load configurations. It also provides a high-performance differential
output to drive an external differential input analog headphone amplifier (such as the TPA112).
The TAS5518 uses an AD modulation operating at a 384-kHz switching rate for 48-, 96-, and 192-kHz data.
The 8x over sampling, combined with a 5th-order noise shaper, provides a broad flat noise floor and excellent
dynamic range from 20 Hz to 20 kHz.
The TAS5518 is a clock slave-only device. It receives MCLK, SCLK, and LRCLK from other system
components. It accepts master clock rates of 128, 192, 256, 384, 512, and 768 Fs and a 64-Fs bit clock.
PWM_HPP& MR
PWM_HPP & ML
MCLK
XTL_ OUT
XTL_ IN
PLL_FLTM
PLL_FLTP
OSC CAP
SCLK
LRCLK
SDIN1
SDIN2
SDIN3
SDIN4
SDA
SCL
PWM Section
PWM AP& Am7 Center
PWM AP& AM4 R Rear
PWM AP& AM3 L Rear
PWM AP& AM8 Sub woofer
PWM AP& AM1 L Front
PWM AP& AM2 R Front
PWM AP& AM5 L Surround
PWM L Line Out
PWM AP& AM6 R Surround
PWM R Line Out
Soft
Tone
7
Biquads
Loud
Comp DRC
Soft
Tone
7
Biquads
Loud
Comp DRC
Soft
Tone
7
Biquads
Loud
Comp DRC
Soft
Tone
7
Biquads
Loud
Comp DRC
Soft
Tone
7
Biquads
Loud
Comp DRC
Soft
Tone
7
Biquads
Loud
Comp DRC
Soft
Tone
7
Biquads
Loud
Comp DRC
Soft
Tone
7
Biquads
Loud
Comp DRC
Digital Audio Processor
VALID
Control
8
8
4
2
0
Det
0
Det
0
Det
0
Det
0
Det
0
Det
0
Det
0
Det
8
8
9
2
PSVC
PWM
De
Emph
Interpo
late
NS
SRC
DC
Block
Power Supply
PWM
De
Emph
Interpo
late
NS
SRC
DC
Block
PWM
De
Emph
Interpo
late
NS
SRC
DC
Block
PWM
De
Emph
Interpo
late
NS
SRC
DC
Block
PWM
De
Emph
Interpo
late
NS
SRC
DC
Block
PWM
De
Emph
Interpo
late
NS
SRC
DC
Block
PWM
De
Emph
Interpo
late
NS
SRC
DC
Block
PWM
De
Emph
Interpo
late
NS
SRC
DC
Block
Soft
Vol
Soft
Vol
Soft
Vol
Soft
Vol
Soft
Vol
Soft
Vol
Soft
Vol
Soft
Vol
8
RESET
PDN
MUTE
HP_SEL
BKND_ERR
Serial
Control
IF
Volume
Control
PSVC
Figure 1−1. TAS5518 Functional Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com