Electronic Components Datasheet Search
  English  ▼

X  

TAS5518 Datasheet(PDF) 36 Page - Texas Instruments

Part # TAS5518
Description  TAS5518 8 Channel Digital Audio PWM Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS5518 Datasheet HTML 32Page - Texas Instruments TAS5518 Datasheet HTML 33Page - Texas Instruments TAS5518 Datasheet HTML 34Page - Texas Instruments TAS5518 Datasheet HTML 35Page - Texas Instruments TAS5518 Datasheet HTML 36Page - Texas Instruments TAS5518 Datasheet HTML 37Page - Texas Instruments TAS5518 Datasheet HTML 38Page - Texas Instruments TAS5518 Datasheet HTML 39Page - Texas Instruments TAS5518 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 102 page
background image
Introduction
27
SLES115 — August 2004
TAS5518
The audio input stream into the DRC must pass through DRC-dedicated programmable input mixers. These
mixers are provided to scale the 32-bit input into the DRC to account for the positioning of the audio data in
the 48-bit DAP word and the net gain or attenuation in signal level between the SAP input and the DRC. The
selection of threshold values must take the gain (attenuation) of these mixers into account. The DRC
implementation examples that follow illustrate the effect these mixers have on establishing the threshold
settings.
T2 establishes the boundary between the high-volume region and the mid-volume region. T1 establishes the
boundary between the mid-volume region and the low-volume region. Both thresholds are set in logarithmic
space, and which region is active for any given rms estimator output sample is determined by the logarithmic
value of the sample.
Threshold T2 serves as the fulcrum or pivot point in the DRC transfer function. O2 defines the boost (> 0 dB)
or cut (< 0 dB) implemented by the DRC-derived gain coefficient for an rms input level of T2. If O2 = 0 dB, the
value of the derived gain coefficient is 1.0 (0x00, 80, 00, 00 in 5.23 format). k2 is the slope of the DRC transfer
function for rms input levels above T2 and k1 is the slope of the DRC transfer function for rms input levels below
T2 (and above T1). The labeling of T2 as the fulcrum stems from the fact that there cannot be a discontinuity
in the transfer function at T2. The user can, however, set the DRC parameters to realize a discontinuity in the
transfer function at the boundary defined by T1. If no discontinuity is desired at T1, the value for the offset term
O1 must obey the following equation.
O1No Discontinuity + |T1 * T2| k1 ) O2 For ( |T1| w |T2| )
T1 and T2 are the threshold settings in dB, k1 is the slope for region 1, and O2 is the offset in dB at T2. If the
user chooses to select a value of O1 that does not obey the above equation, a discontinuity at T1 is realized.
Going down in volume from T2, the slope k1 remains in effect until the input level T1 is reached. If, at this input
level, the offset of the transfer function curve from the 1:1 transfer curve does not equal O1, there is a
discontinuity at this input level as the transfer function is snapped to the offset called for by O1. If no
discontinuity is wanted, O1 and/or k1 must be adjusted so that the value of the transfer curve at the input level
T1 is offset from the 1:1 transfer curve by the value O1. The examples that follow illustrate both continuous
and discontinuous transfer curves at T1.
Going down in volume from T1, starting at the offset level O1, the slope k0 defines the compression/expansion
activity in the lower region of the DRC transfer curve.
1.11.2.1 Threshold Parameter Computation
For thresholds,
TdB = −6.0206TINPUT = −6.0206TSUB_ADDRESS_ENTRY
If, for example, it is desired to set T1 = -64 dB, then the subaddressaddress entry required to set T1 to -64 dB
is:
T1SUB_ADDRESS_ENTRY +
*64
*6.0206 +
10.63
T1 is entered as a 48-bit number in 25.23 format. Therefore:
T1 = 10.63 = 0_1010.1010_0001_0100_0111_1010_111
= 0x00000550A3D7 in 25.23 format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com