Electronic Components Datasheet Search
  English  ▼

X  

TAS5518 Datasheet(PDF) 84 Page - Texas Instruments

Part # TAS5518
Description  TAS5518 8 Channel Digital Audio PWM Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518 Datasheet(HTML) 84 Page - Texas Instruments

Back Button TAS5518 Datasheet HTML 80Page - Texas Instruments TAS5518 Datasheet HTML 81Page - Texas Instruments TAS5518 Datasheet HTML 82Page - Texas Instruments TAS5518 Datasheet HTML 83Page - Texas Instruments TAS5518 Datasheet HTML 84Page - Texas Instruments TAS5518 Datasheet HTML 85Page - Texas Instruments TAS5518 Datasheet HTML 86Page - Texas Instruments TAS5518 Datasheet HTML 87Page - Texas Instruments TAS5518 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 102 page
background image
Serial Control Interface Register Definitions
75
SLES115 — August 2004
TAS5518
6.16 Bass Management Registers (0x49 – 0x50)
Registers 0x49 – 0x50 provide configuration control for bass mangement.
Each gain coefficient is in 28-bit (5.23) format so 0x800000 is a gain of 1. Each gain coefficient is written as
a 32-bit word with the upper four bits not used.
Table 6−17. Bass Management Registers Format (0x49 – 0x50)
SUBADDRESS
TOTAL
BYTES
REGISTER
NAME
DESCRIPTION OF CONTENTS
DEFAULT STATE
0x49
4
ipmix_1_to_ch8
Input Mixer 1 to Ch 8 Mixer coefficient (default = 0)
U (31:28), ipmix18 (27:24), ipmix18 (23:16), ipmix18 (15:8),
ipmix18 (7:0)
0x00, 0x00, 0x00, 0x00
0x4A
4
ipmix_2_to_ch8
Input Mixer 1 to Ch 8 Mixer coefficient (default = 0)
U (31:28), ipmix28 (27:24), ipmix28 (23:16), ipmix28 (15:8),
ipmix28 (7:0)
0x00, 0x00, 0x00, 0x00
0x4B
4
ipmix_7_to_ch12 Input Mixer 7 to Ch 1 and Ch 2 Mixer coefficient (default = 0)
U (31:28), ipmix72 (27:24), ipmix72 (23:16), ipmix72 (15:8),
ipmix72 (7:0)
0x00, 0x00, 0x00, 0x00
0x4C
4
Ch7_bp_bq2
Ch 7 Biquad-2 By-pass coefficient (default = 0)
U (31:28), ch7_bp_bq2 (27:24), ch7_bp_bq2 (23:16),
ch7_bp_bq2 (15:8), ch7_bp_bq2 (7:0)
0x00, 0x00, 0x00, 0x00
0x4D
4
Ch7_bq2
Ch 7 Biquad-2 Inline coefficient (default = 1)
U (31:28), ch6_bq2 (27:24), ch6_bq2 (23:16), ch6_bq2 (15:8),
ch6_bq2 (7:0)
0x00, 0x80, 0x00, 0x00
0x4E
4
ipmix_8_to_ch12 Ch 8 Biquad-2 Output to Ch1 Mixer and Ch2 Mixer coefficient
(default = 0)
U (31:28), ipmix8_12 (27:24), ipmix8_12 (23:16), ipmix8_12
(15:8), ipmix8_12 (7:0)
0x00, 0x00, 0x00, 0x00
0x4F
4
Ch8_bp_bq2
Ch 8 Biquad-2 By-pass coefficient (default = 0)
0U (31:28), ch8_bp_bq2 (27:24), ch8_bp_bq2 (23:16),
ch8_bp_bq2 (15:8), ch8_bp_bq2 (7:0)
0x00, 0x00, 0x00, 0x00
0x50
4
Ch8_bq2
Ch 8 Biquad-2 Inline coefficient (default = 1)
U (31:28), ch7_bq2 (27:24), ch7_bq2 (23:16), ch7_bq2 (15:8),
ch7_bq2 (7:0)
0x00, 0x80, 0x00, 0x00
6.17 Biquad Filters Register (0x51 – 0x88)
Table 6−18. Biquad Filters Registers Format (0x51 – 0x88)
I2C
SUBADDRESS
TOTAL
BYTES
REGISTER NAME
DESCRIPTION OF CONTENTS
DEFAULT
STATE
0x51 – 0x57
20/Reg.
Ch1_bq[1] – [7]
Ch 1 Biquads 1 – 7. See Table 6−19 for bit definition.
See Table 6−19
0x58 – 0x5E
20/Reg.
Ch2_bq[1] – [7]
Ch 2 Biquads 1 – 7. See Table 6−19 for bit definition.
See Table 6−19
0x5F – 0x65
20/Reg.
Ch3_bq[1] – [7]
Ch 3 Biquads 1 – 7. See Table 6−19 for bit definition.
See Table 6−19
0x66 – 0x6C
20/Reg.
Ch4_bq[1] − [7]
Ch 4 Biquads 1 – 7. See Table 6−19 for bit definition.
See Table 6−19
0x6D – 0x73
20/Reg.
Ch5_bq[1] − [7]
Ch 5 Biquads 1 – 7. See Table 6−19 for bit definition.
See Table 6−19
0x74 – 0x7A
20/Reg.
Ch6_bq[1] − [7]
Ch 6 Biquads 1 – 7. See Table 6−19 for bit definition.
See Table 6−19
0x7B – 0x81
20/Reg.
Ch7_bq[1] − [7]
Ch 7 Biquads 1 – 7. See Table 6−19 for bit definition.
See Table 6−19
0x82 – 0x88
20/Reg.
Ch8_bq[1] − [7]
Ch 8 Biquads 1 – 7. See Table 6−19 for bit definition.
See Table 6−19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com