Electronic Components Datasheet Search
  English  ▼

X  

TAS5518 Datasheet(PDF) 62 Page - Texas Instruments

Part # TAS5518
Description  TAS5518 8 Channel Digital Audio PWM Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TAS5518 Datasheet HTML 58Page - Texas Instruments TAS5518 Datasheet HTML 59Page - Texas Instruments TAS5518 Datasheet HTML 60Page - Texas Instruments TAS5518 Datasheet HTML 61Page - Texas Instruments TAS5518 Datasheet HTML 62Page - Texas Instruments TAS5518 Datasheet HTML 63Page - Texas Instruments TAS5518 Datasheet HTML 64Page - Texas Instruments TAS5518 Datasheet HTML 65Page - Texas Instruments TAS5518 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 102 page
background image
Serial Audio Interface Control and Timing
53
SLES115 — August 2004
TAS5518
3.7.2 Left Justified
Left justified (LJ) timing uses an LRCLK to define when the data being transmitted is for the left channel and
when it is for the right channel. The LRCLK is high for the left channel and low for the right channel. A bit clock
running at 64 × Fs is used to clock in the data. The first bit of data appears on the data lines at the same time
the LRCLK toggles. The data is written MSB first and is valid on the rising edge of bit clock. The TAS5518
masks unused trailing data bit positions.
23 22
SCLK
32 Clks
LRCLK
Left Channel
24-Bit Mode
9
8
5
4
1
0
MSB
LSB
23 22
32 Clks
LRCLK
Right Channel
9
8
5
4
1
0
MSB
LSB
NOTE: All data presented in 2s complement form with MSB first.
18
20-Bit Mode
5
4
1
0
19
14
16-Bit Mode
1
0
15
18
5
4
1
0
19
14
1
0
15
2-Channel Left-Justified Stereo Input
Figure 3−10. Left Justified 64 Fs Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com