Electronic Components Datasheet Search
  English  ▼

X  

TAS5518 Datasheet(PDF) 69 Page - Texas Instruments

Part # TAS5518
Description  TAS5518 8 Channel Digital Audio PWM Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TAS5518 Datasheet HTML 65Page - Texas Instruments TAS5518 Datasheet HTML 66Page - Texas Instruments TAS5518 Datasheet HTML 67Page - Texas Instruments TAS5518 Datasheet HTML 68Page - Texas Instruments TAS5518 Datasheet HTML 69Page - Texas Instruments TAS5518 Datasheet HTML 70Page - Texas Instruments TAS5518 Datasheet HTML 71Page - Texas Instruments TAS5518 Datasheet HTML 72Page - Texas Instruments TAS5518 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 102 page
background image
Serial Control I2C Register Summary
60
SLES115 — August 2004
TAS5518
I2C
SUBADDRESS
DEFAULT STATE
DESCRIPTION OF CONTENTS
REGISTER FIELDS
TOTAL
BYTES
0x17−0x1A
RESERVED
0x1B–0x22
1/Reg.
Inter-channel delay registers
Set inter-channel delay
Channel 1 delay = −23 DCLK
periods
Channel 2 delay = 0 DCLK periods
Channel 3 delay = −16 DCLK
periods
Channel 4 delay = +16 DCLK
periods
Channel 5 delay = −24 DCLK
periods
Channel 6 delay = 8 DCLK periods
Channel 7 delay = −8 DCLK
periods
Channel 8 delay = 24 DCLK
periods
0x23
1
Inter-channel offset
Absolute delay offset for channel 1
(0 – 255)
Minimum absolute default = 0
DCLK periods
0x24−0x3F
RESERVED
0x40
4
Bank switching command
register
Set up DAP coefficients bank
switching for banks 1, 2, and 3
Manual selection – Bank 1
0x41–0x48
32/Reg
See the Input Mixer Registers
(0x41 – 0x48, Channels 1 – 8)
section
8X8 input crossbar mixer setup
SDIN1−Left to input mixer 1
SDIN1−Right to input mixer 2
SDIN2−Left to input mixer 3
SDIN2−Right to input mixer 4
SDIN3−Left to input mixer 5
SDIN3−Right to input mixer 6
SDIN4−Left to input mixer 7
SDIN4−Right to input mixer 8
0x49
4
ipmix_1_to_ch8
Input mixer 1 to Ch 8 mixer coefficient
0.0
0x4A
4
ipmix_2_to_ch8
Input mixer 1 to Ch 8 mixer coefficient
0.0
0x4B
4
ipmix_7_to_ch2
Input mixer 7 to Ch 2 mixer coefficient
0.0
0x4C
4
Ch7_bp_bq2
Bypass Ch 7 biquad 2 coefficient
0.0
0x4D
4
Ch7_bq2
Ch 7 biquad 2 coefficient
1.0
0x4E
4
ipmix_8_to_ch12
Ch 8 biquad 2 output to Ch1 mixer
and Ch2 mixer coefficient
0.0
0x4F
4
Ch8_bp_bq2
Bypass Ch 8 biquad 2 coefficient 0
0.0
0x50
4
Ch8_bq2
Ch 8 biquad 2 coefficient
1.0
0x51–0x88
20/Reg. See the next section
Channels 1, 2, 3, 4, 5, 6, 7, and 8
biquad filter coefficients
All biquads = All pass for all
channels
0x89–0x90
8
Bass and Treble Bypass
Ch 1 − 8
Bypass bass and treble for
channels 1−8
Bass and treble bypassed for all
channels
0x91
4
Loudness Log2 LG
Loudness Log2 LG
0.5
0x92
8
Loudness Log2 LO
Loudness Log2 LO
0.0
0x93
4
Loudness G
Loudness G
0.0
0x94
8
Loudness O
Loudness O
0.0
Loudness biquad coefficient b0
0x00, 0x00, 0xD5, 0x13
Loudness biquad coefficient b1
0x00, 0x00, 0x00, 0x00
0x95
20
Loudness biquad
Loudness biquad coefficient b2
0x0F, 0xFF, 0x2A, 0xED
0x95
20
Loudness biquad
Loudness biquad coefficient a0
0x00, 0xFE, 0x50, 0x45
Loudness biquad coefficient a1
0x0F, 0x81, 0xAA, 0x27
0x96
4
DRC1 control channels 1, 2, 3,
4, 5, 6, and 7
DRC1 control channels 1, 2, 3, 4, 5, 6,
and 7
DRC1 disabled in channels 1, 2, 3,
4, 5, 6, and 7
0x97
4
DRC2 Ch 8 Control
DRC1 control channel 8
DRC2 disabled (channel 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com