Electronic Components Datasheet Search
  English  ▼

X  

TAS5518 Datasheet(PDF) 89 Page - Texas Instruments

Part # TAS5518
Description  TAS5518 8 Channel Digital Audio PWM Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518 Datasheet(HTML) 89 Page - Texas Instruments

Back Button TAS5518 Datasheet HTML 85Page - Texas Instruments TAS5518 Datasheet HTML 86Page - Texas Instruments TAS5518 Datasheet HTML 87Page - Texas Instruments TAS5518 Datasheet HTML 88Page - Texas Instruments TAS5518 Datasheet HTML 89Page - Texas Instruments TAS5518 Datasheet HTML 90Page - Texas Instruments TAS5518 Datasheet HTML 91Page - Texas Instruments TAS5518 Datasheet HTML 92Page - Texas Instruments TAS5518 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 102 page
background image
Serial Control Interface Register Definitions
80
SLES115 — August 2004
TAS5518
6.24 DRC Bypass Registers (0xA2 – 0xA9)
DRC bypass/inline for channels 1, 2, 3, 4, 5, 6, 7, and 8 are mapped into registers 0xA2, 0xA3, 0xA4,
0xA5,0xA6, 0xA7, 0xA8, and 0xA9. 8−bytes are written for each channel. Each gain coefficient is in 28-bit
(5.23) format so 0x00800000 is a gain of 1. Each gain coefficient is written as a 32-bit word with the upper 4
bits not used.
To enable DRC for a given channel (with unity gain), bypass = 0x00000000 and inline = 0x00800000.
To disable DRC for a given channel, bypass = 0x00800000 and inline = 0x00000000.
Table 6−26. DRC Bypass Registers Format (0xA2−0xA9)
REGISTER NAME
TOTAL
BYTES
CONTENTS
INITIALIZATION
VALUE
Channel bass DRC bypass
8
U (31:28), bypass (27:24), bypass (23:16), bypass (15:8), bypass (7:0) 0x00, 0x80, 0x00, 0x00
Channel DRC inline
8
U (31:28), inline (27:24), inline (23:16), inline (15:8), inline (7:0)
0x00, 0x00, 0x00, 0x00
6.25 8x2 Output Mixer Registers (0xAA – 0xAF)
Output mixers for channels 1–6 map to registers 0xAA – 0xAF.
Total data per register is 8 bytes.
Table 6−27. Output Mixer Control Register Format (Upper 4 Bytes)
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
0
0
0
0
Select channel 1 to output mixer
0
0
0
1
Select channel 2 to output mixer
0
0
1
0
Select channel 3 to output mixer
0
0
1
1
Select channel 4 to output mixer
0
1
0
0
Select channel 5 to output mixer
0
1
0
1
Select channel 6 to output mixer
0
1
1
0
Select channel 7 to output mixer
0
1
1
1
Select channel 8 to output mixer
G27
G26
G25
G24
Selected channel gain (upper 4 bits)
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
G23
G22
G21
G20
G19
G18
G17
G16
Selected channel gain (continued)
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
G15
G14
G13
G12
G11
G10
G9
G8
Selected channel gain (continued)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
G7
G6
G5
G4
G3
G2
G1
G0
Selected channel gain (lower 8 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com