Electronic Components Datasheet Search
  English  ▼

X  

LM4931 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4931
Description  Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4931 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM4931 Datasheet HTML 18Page - National Semiconductor (TI) LM4931 Datasheet HTML 19Page - National Semiconductor (TI) LM4931 Datasheet HTML 20Page - National Semiconductor (TI) LM4931 Datasheet HTML 21Page - National Semiconductor (TI) LM4931 Datasheet HTML 22Page - National Semiconductor (TI) LM4931 Datasheet HTML 23Page - National Semiconductor (TI) LM4931 Datasheet HTML 24Page - National Semiconductor (TI) LM4931 Datasheet HTML 25Page - National Semiconductor (TI) LM4931 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Clock Divider Configuration Registers (Continued)
The voice codec operates at 128*fs, so it requires a 1.024MHz clock to operate on 8kHz data. The Audio DAC also operates at
128*fs, i.e. 6.144MHz for 48kHz data, 5.6448MHz for 44.1kHz data etc. It is expected that the PLL is used to drive the audio
system unless a 12.288MHz or 24.576MHz (AC’97) master clock is supplied and the sample rate is always 48kHz, in which case
the PLL can be bypassed to reduce power.
The voice codec is always driven from the divided down clock from the PLL output or a divided down version of the master clock.
When using the voice codec for 8kHz operation, program the PLL as you would for 48kHz operation and use Q to divide by
(2*FSaudio/FSvoice).
The PLL can also use the I2S clock input as a source. In this case, the audio DAC uses the clock from the output of the PLL and
the voice codec either uses a divided by 6 clock or a divided version of the MCLK pin.
MCLK must be less than or equal to 50MHz if the input divider is to be used, otherwise MCLK can be any frequency up to 25MHz.
The comparison frequency after the M divider should be less than 5MHz
20100964
FIGURE 5.
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com