Electronic Components Datasheet Search
  English  ▼

X  

LM4931 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4931
Description  Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4931 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button LM4931 Datasheet HTML 38Page - National Semiconductor (TI) LM4931 Datasheet HTML 39Page - National Semiconductor (TI) LM4931 Datasheet HTML 40Page - National Semiconductor (TI) LM4931 Datasheet HTML 41Page - National Semiconductor (TI) LM4931 Datasheet HTML 42Page - National Semiconductor (TI) LM4931 Datasheet HTML 43Page - National Semiconductor (TI) LM4931 Datasheet HTML 44Page - National Semiconductor (TI) LM4931 Datasheet HTML 45Page - National Semiconductor (TI) LM4931 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
Application Information (Continued)
LM4931ITL DEMO BOARD OPERATION
The LM4931ITL demo board is a complete evaluation plat-
form, designed to give easy access to the control pins of the
part and comprises all the necessary external passive com-
ponents. Besides the separate analog (JP8), digital (JP7),
PLL (JP9) and Loudspeaker (JP10) supply connectors, the
board features seven other major input and control blocks:
an SPI/I
2C compatible selectable interface bus (JP11) for the
control lines, a PCM interface bus (JP12) for voiceband
digital audio, an I
2S interface bus (JP13) for full-range digital
audio, an analog mic jack input (JP1) for connection to an
external microphone, a high efficiency class D BTL mono
output (JP5) for connection to an external speaker, a stereo
headphone output (JP15 or P1), and an external MCLK input
(JP3) for use in place of the crystal on the demoboard.
SPI/I
2C Interface Bus (JP11)
This is the main control bus for the LM4931. This interface
may either be configured as a two-wire, I
2C compatible
interface by setting MODE = 0 (S1 = IN) or a three-wire SPI
interface by setting MODE = 1 (S1 = OUT).
I
2C Compatible Mode (MODE = 0)
The two-wire I
2C compatible interface consists of an SDA
line (data) and SCL line (clock). Each transmission from the
baseband controller to the LM4931 is given MSB first and
must follow the timing intervals given in the Electrical Char-
acteristics section of the datasheet to create the start and
stop conditions for a proper transmission. The start condition
is detected if SCL is high on the falling edge of SDA. The
stop condition is detected if SCL is high on the rising edge of
SDA. Repeated start signals are handled correctly. Data is
then transmitted as shown in Figure 3 for the Two Wire I
2C
Compatible Interface. After the start condition has been
achieved the chip address is sent, followed by a set write bit,
wait for ack (SDA will be pulled low by LM4931), data bits
15-8, wait for ACK (SDA will be pulled low by LM4931), data
bits 7-0, wait for ACK (SDA will be pulled low by LM4931)
and finally the stop condition is given.
This same sequence follows for any I
2C control bus trans-
mission to the LM4931. The chip address is hardwire se-
lected by the ADDR Select pin (JP11, pin 4) which may be
software enabled high or low with the LM4931 demonstra-
tion control software. If ADDR is low, then the chip address is
set to 0010000b. If ADDR is high, the address is set to
1110000b. The 11 control registers are shown on page 13 in
the System Control Table. Data is sampled only if the
address is in range and the R/W bit is clear. Data for each
register is given in the System Control section of the
datasheet.
Pull-up resistors are required to achieve reliable operation.
10k
Ω pull-up resistors on the SDA and SCL lines achieves
best results when used with National’s parallel-to-serial in-
terface board. Lower value pull-up resistors will decrease the
rise and fall times on the bus which will in turn decrease
susceptibility to bus noise that may cause a false trigger. The
cost comes at extra current use. Control bus reliability will
thus depend largely on bus noise and may vary from design
to design. Low noise is critical for reliable operation.
SPI Mode (MODE = 1)
The SPI interface consists of three lines: the serial data input
pin (SDI), the clock input pin (SCK), and the SPI enable pin
(ENB).The serial data bits are organized into two fields of 8
bit data as shown on Figure 2 in the Three Wire, SPI
Interface timing diagram. The first 8 bits corresponds to the
register address given on the System Control Table on
page 13. The second 8 bits contains the data to write to the
desired control register. These fields are transmitted subse-
quently to form a 16 bit word. For each SPI transfer, ENB is
lowered and the data bits are written to the SDI pin with the
most significant bit (MSB) first. All serial data are sampled at
the rising edge of the SCK signal. Once all the data bits have
been sampled, ENB transitions from logic-high to logic-low
to complete the SPI sequence. All 16 bits must be received
before any data latch can occur. Any excess CLK and DATA
transitions will be ignored after the sixteenth rising clock
edge has occurred. For any data sequence longer than 16
bits, only the first 16 bits will get loaded into the shift register
and the rest of the bits will be disregarded.
SPI Operational Requirements
1. The data bits are transmitted with the MSB first.
2. The maximum clock rate is 4MHz for the SCK pin.
3. SCK must remain logic-high for at least 500ns (t
SPICH )
after the rising edge of SCK, and SCK must remain logic-low
for at least 500ns (t
SPICL) after the falling edge of SCK.
4. The serial data bits are sampled at the rising edge of SCK.
Any
transition
on
SDI
must
occur
at
least
100ns
(t
SPISETHOLDD) before the rising edge of SCK. Also, any
transition on SDI must occur at least 100ns (t
SPISETD) after
the rising edge of SCK and stabilize before the next rising
edge of SCK.
5. ENB should be logic-low only during serial data transmis-
sion.
6. ENB must be logic-low at least 100ns (t
SPISETENB ) before
the first rising edge of SCK, and ENB has to remain logic-low
at least 100ns (t
SPIHOLDENB) after the sixteenth rising edge
of SCK.
7. If ENB remains logic-high for mtore than 10ns before all
16 bits are transmitted then the data latch will be aborted.
8. If ENB is logic-low for more than 16 SCK pulses then only
the first 16 data bits will be latched and activated when ENB
transitions to logic-high.
9. ENB must remain logic-low for at least 100ns (t
SPIHOLD-
ENB
) to latch in the data.
10. Coincidental rising or falling edges of SCK and ENB are
not allowed. If SCK is to be held logic-high after the data
transmission, the falling edge of SCK must occur at least
100ns before ENB transitions to logic-low for the next set of
data.
LM4931 Evaluation Software
The LM4931 demoboard can be easily evaluated with the
accompanying LM4931 Evaluation Software. The Win-
dows 95/98/2000/NT/XP compatible software is a GUI that
allows easy access to all the I
2C/SPI internal registers of the
device. The GUI controls the PC parallel port to deliver the
appropriate I
2C/SPI commands via the National Semicon-
ductor I
2C/SPI Interface Card, in order to properly program
the LM4931.
PCM Bus Interface (JP12)
PCM_SDO, PCM_SYNC, PCM_SDI, and PCM_CLK form
the PCM interface bus for simple communication with most
baseband ICs with voiceband communications and follow
the PCM-1900 communications standard. The PCM inter-
face features a frame length of 16 bits, A-law and u-law
companded, linear mode, short or long frame sync, an
www.national.com
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com