Electronic Components Datasheet Search
  English  ▼

X  

LM4931 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4931
Description  Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4931 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4931 Datasheet HTML 4Page - National Semiconductor (TI) LM4931 Datasheet HTML 5Page - National Semiconductor (TI) LM4931 Datasheet HTML 6Page - National Semiconductor (TI) LM4931 Datasheet HTML 7Page - National Semiconductor (TI) LM4931 Datasheet HTML 8Page - National Semiconductor (TI) LM4931 Datasheet HTML 9Page - National Semiconductor (TI) LM4931 Datasheet HTML 10Page - National Semiconductor (TI) LM4931 Datasheet HTML 11Page - National Semiconductor (TI) LM4931 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
Electrical Characteristics DV
DD = 3V, AVDD = 3V, RLHP =32Ω,RLHF =8Ω
(Notes 1, 2) (Continued)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4931
Units
(Limits)
Typical
(Note 6)
Limits
(Note 7)
t
SPIHOLDENB
SPI ENB Hold Time
100
ns (min)
t
SPICL
SPI Clock Low Time
500
ns (min)
t
SPICH
SPI Clock HighTime
500
ns (min)
t
SPIT
SPI Clock Transition Time
5
ns (min)
f
CLKI2C
I
2C_CLK Frequency
400
3400
kHz (max)
t
I2CHOLD
I
2C_DATA Hold Time
100
ns (min)
t
I2CSET
I
2C_DATA Setup Time
100
ns (min)
PCM/I
2S
f
CLKPCM
PCM_CLK Frequency
128
kHz
PCM_CLK Duty Cycle
50
40
60
% (min)
% (max)
f
CLKI2S
I
2S_CLK Frequency
I
2S_RES = 0
I
2S_RES = 1
1536
3072
kHz
kHz
I
2S_WS Duty Cycle
50
40
60
% (min)
% (max)
Electrical Characteristics DV
DD = 3.3V, AVDD = 5V, RLHP =32Ω,RLHF =8Ω
(Notes 1, 2)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for T
A= 25˚C.
Symbol
Parameter
Conditions
LM4931
Units
(Limits)
Typical
(Note 6)
Limits
(Note 7)
Power
Mode 0
DI
SD
Digital Shutdown Current
f
MCLK = 12MHz (Note 9)
500
600
µA (max)
No MCLK
1
µA (max)
DI
ST
Digital Standby Current
Mode 1, f
MCLK = 12MHz
500
1600
µA (max)
DI
DD
Digital Power Supply Current
f
MCLK = 12MHz
Mode 2, 3, 4
1.6
3.5
mA (max)
Mode 5, 6, 7
3.5
8
mA (max)
Mode 8, 9, 10
4.0
8
mA (max)
PLLI
DD
PLL Quiescent Current
f
MCLK = 12MHz
3.3
4
mA (max)
AI
DD
Analog Shutdown Current
Mode 0, No Load
0.6
3
µA (max)
AI
ST
Analog Standby Current
Mode 1, No Load
220
450
µA (max)
AI
DD
Analog Power Supply Quiescent
Current
No Load
Mode 2
18.5
32
mA (max)
Mode 3
7.3
12
mA (max)
Mode 4
19.6
29
mA (max)
Mode 5
19.4
30
mA (max)
Mode 6
8.4
26
mA (max)
Mode 7
20.5
30
mA (max)
Mode 8, 9, 10
22
32
mA (max)
Loudspeaker Amplifier
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com