Electronic Components Datasheet Search
  English  ▼

X  

LM4931 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4931
Description  Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4931 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM4931 Datasheet HTML 16Page - National Semiconductor (TI) LM4931 Datasheet HTML 17Page - National Semiconductor (TI) LM4931 Datasheet HTML 18Page - National Semiconductor (TI) LM4931 Datasheet HTML 19Page - National Semiconductor (TI) LM4931 Datasheet HTML 20Page - National Semiconductor (TI) LM4931 Datasheet HTML 21Page - National Semiconductor (TI) LM4931 Datasheet HTML 22Page - National Semiconductor (TI) LM4931 Datasheet HTML 23Page - National Semiconductor (TI) LM4931 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
PLL Configuration Registers (Continued)
AUDIO CLOCK REQUIREMENTS
Input Clock
Sample Rate
Required Clock
M
N
N_MOD
P
Output Clock
Error (Hz)
12.000MHz
48kHz
12.288MHz
14
57
11
4
12.288MHz
0.2Hz
13.000MHz
48kHz
12.288MHz
4
15
4
4
12.288MHz
4.1Hz
14.400MHz
48kHz
12.288MHz
9
30
23
4
12.288MHz
1.9Hz
16.200MHz
48kHz
12.288MHz
11
33
12
4
12.288MHz
0.3Hz
16.800MHz
48kHz
12.288MHz
8
23
13
4
12.288MHz
1.1Hz
19.200MHz
48kHz
12.288MHz
13
33
9
4
12.288MHz
1.8Hz
19.440MHz
48kHz
12.288MHz
11
27
26
4
12.288MHz
0.3Hz
19.680MHz
48kHz
12.288MHz
13
32
15
4
12.288MHz
0.7Hz
19.800MHz
48kHz
12.288MHz
16
39
23
4
12.287MHz
0.1Hz
12.000MHz
44.1kHz
11.2896MHz
8
32
27
4
11.290MHz
1.7Hz
13.000MHz
44.1kHz
11.2896MHz
6
20
27
4
11.290MHz
2.9Hz
14.400MHz
44.1kHz
11.2896MHz
14
43
29
4
11.290MHz
2.3Hz
16.200MHz
44.1kHz
11.2896MHz
15
41
26
4
11.289MHz
0.9Hz
16.800MHz
44.1kHz
11.2896MHz
17
57
4
5
11.290MHz
1.6Hz
19.200MHz
44.1kHz
11.2896MHz
15
35
9
4
11.290MHz
0.8Hz
19.440MHz
44.1kHz
11.2896MHz
15
34
27
4
11.289MHz
1.6Hz
19.680MHz
44.1kHz
11.2896MHz
7
16
2
4
11.290MHz
0.2Hz
19.800MHz
44.1kHz
11.2896MHz
17
48
15
5
11.289MHz
3.0Hz
I
2S Inputs:
1.536MHz
48kHz
12.288MHz
1
32
0
4
12.288MHz
0Hz
1.4112MHz
44.1kHz
11.2896MHz
1
32
0
4
11.2896MHz
0Hz
Other examples:
19.44MHz
32kHz
8.192MHz
17
50
5
4
8.193MHz
6Hz
24.576MHz
44.1kHz
11.2896MHz
14
26
11
4
11.2868MHz
2.3Hz
66MHz
48kHz
12.288MHz
12
17
28
4
12.288MHz
4.1Hz
100MHz
48kHz
12.288MHz
24
23
19
4
12.288MHz
1.6Hz
100MHz
44.1kHz
11.2896MHz
31
28
0
4
11.2899MHz
2.8Hz
Please note that the Error (Hz) column is relative to sample rate. For instance:
If the Sample Rate is 48kHz and the input clock is 12.000MHz, then the solution shown in the table is:
Output Clock = 12.000MHz * (57 + 11/32) / (14 * 4) = 12.287946MHz. = 47.99979kHz * 256
Error = 48kHz – 47.99979kHz = 0.2Hz
20100963
FIGURE 4.
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com