Electronic Components Datasheet Search
  English  ▼

X  

LM4931 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4931
Description  Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4931 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button LM4931 Datasheet HTML 39Page - National Semiconductor (TI) LM4931 Datasheet HTML 40Page - National Semiconductor (TI) LM4931 Datasheet HTML 41Page - National Semiconductor (TI) LM4931 Datasheet HTML 42Page - National Semiconductor (TI) LM4931 Datasheet HTML 43Page - National Semiconductor (TI) LM4931 Datasheet HTML 44Page - National Semiconductor (TI) LM4931 Datasheet HTML 45Page - National Semiconductor (TI) LM4931 Datasheet HTML 46Page - National Semiconductor (TI) LM4931 Datasheet HTML 47Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
Application Information (Continued)
PLL must also be configured to match the incoming fre-
quency and provide the correct output for all the parts of the
subsystem.
The first register, PLL_M (05h), sets the PLL input divider.
Bits 4:0 of this register are used to set the divider from 4 to
31. It is also possible to bypass the divider (M =1) by setting
PLL_M to 0001b. Setting PLL_M to 0010b gives a divide by
2. Setting PLL_M to 0011b gives a default divider of 4 (as
does setting to 0100b). Values above that are identical to
their base 10 integer values. Bits 7:5 programs the modulus
bits of the PLL feedback divider.
The second PLL register, PLL_N (06h), sets the PLL feed-
back divider. Bits 6:0 are used to set the PLL feedback
divider from divide by 4 to divide by 127. Values set from 0 to
3 are rounded to 4. This register also may be used to alter
the speed of the VCO. Setting bit 7 (FAST_VCO) tunes the
VCO operation for frequencies up to 100MHz. Normally it is
tuned for outputs around 50MHz.
The final PLL register, PLL_P (07h), sets the PLL output
divider. Bits 3:0 set this from divide by 4 to divide by 15.
Inputs of 0 to 3 are rounded to 4. It is also recommended that
P = 4 to keep the VCO around its nominal operating fre-
quency (50MHz if PLL_N bit 7 is clear). The divider modulus
may be set by bits 5:4. Additionally, the dither level for the
PLL is controlled in this register in bits 7:6.
The Audio Clock Requirements table details how different
clock values may be generated for a given input clock.
PLL Loop Filter
The LM4931 demoboard features an onboard second and
third order PLL loop filter. Jumpers (S6-S9) configure the
demoboard to select between the second and third order
PLL loop filters. Reference values for the loop filters are
given in the LM4931 Demo Board Bill of Materials section.
For a more detailed discussion on how to optimize a second
and third order PLL loop filter, please refer to Note 20.
Note 20: http://www.national.com/appinfo/wireless/files/
DeansBook_4_01.pdf.
ANALOG INPUTS AND OUTPUTS
The LM4931 features a high-efficiency class D mono BTL
output for connection to an 8
Ω external speaker. This output
can provide up to 1.1W of power into an 8 ohms load with a
5V analog supply. A single-ended stereo headphone output
is also featured, providing up to 26mW of power per channel
into 32
Ω with a 5V analog supply. The MIC Jack input (JP1)
provides for a low level analog input. Pin 3 provides the
power to the MIC and the positive input of the LM4931. Gain
for the MIC preamp is set in the MIC_GAIN (02h) register.
HIGH EFFICIENCY CLASS D AMPLIFIER FUNCTION
The class D mono output signals generated by the LM4931
consist of two, BTL connected, output signals that pulse
momentarily from near ground potential to VDD. The two
outputs can pulse independently with the exception that they
both may never pulse simultaneously as this would result in
zero volts across the BTL load. The minimum width of each
pulse is approximately 160ns. However, pulses on the same
output can occur sequentially, in which case they are con-
catenated and appear as a single wider pulse to achieve an
effective 100% duty cycle. This results in maximum audio
output power for a given supply voltage and load impedance.
The LM4931 can achieve much higher efficiencies than
class AB amplifiers while maintaining acceptable THD per-
formance. The short (160ns) drive pulses emitted at the
LM4931 outputs means that good efficiency can be obtained
with minimal load inductance. The typical transducer load on
an audio amplifier is quite reactive (inductive). For this rea-
son, the load can act as it’s own filter, so to speak. This
"filter-less" switching amplifier/transducer load combination
is much more attractive economically due to savings in
board space and external component cost by eliminating the
need for a filter.
CLASS D POWER DISSIPATION AND EFFICIENCY
In general terms, efficiency is considered to be the ratio of
useful work output divided by the total energy required to
produce it with the difference being the power dissipated,
typically, in the IC. The key here is “useful” work. For audio
systems, the energy delivered in the audible bands is con-
sidered useful including the distortion products of the input
signal.
Sub-sonic
(DC)
and
super-sonic
components
(>22kHz) are not useful. The difference between the power
flowing from the power supply and the audio band power
being transduced is dissipated in the LM4931 and in the
transducer load. The amount of power dissipation in the
LM4931 is very low. This is because the ON resistance of the
switches used to form the output waveforms is typically less
than 0.25
Ω. This leaves only the transducer load as a po-
tential "sink" for the small excess of input power over audio
band output power. The LM4931 dissipates only a fraction of
the excess power requiring no additional PCB area or cop-
per plane to act as a heat sink.
DUAL MICROPHONE SUPPORT
The LM4931 can be configured to accept two separate
microphone inputs when used in conjunction with the
LMS4684. The LMS4684 is a dual SPDT analog switch that
will allow the MIC_P and MIC_N inputs of the LM4931 to
switch between a differential handset microphone and a
single-ended handsfree microphone. The MIC DETECT
block shown in Figure 16 can be implemented with a micro-
phone jack’s mechanical control pin to set the voltage at the
IN1 and IN2 pins of the LMS4684. The voltage applied at the
IN1 and IN2 pins sets the position of the switch. For a more
detailed discussion on the operation of the analog switch,
please refer to the LMS4684 datasheet.
www.national.com
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com