Electronic Components Datasheet Search
  English  ▼

X  

LM4931 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4931
Description  Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4931 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LM4931 Datasheet HTML 21Page - National Semiconductor (TI) LM4931 Datasheet HTML 22Page - National Semiconductor (TI) LM4931 Datasheet HTML 23Page - National Semiconductor (TI) LM4931 Datasheet HTML 24Page - National Semiconductor (TI) LM4931 Datasheet HTML 25Page - National Semiconductor (TI) LM4931 Datasheet HTML 26Page - National Semiconductor (TI) LM4931 Datasheet HTML 27Page - National Semiconductor (TI) LM4931 Datasheet HTML 28Page - National Semiconductor (TI) LM4931 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
Audio Interfaces
I
2S
The LM4931 supports both master and slave I2S transmission at either 16 or 32 bits per word at clock rates up to 3.072MHz
(48kHz stereo, 32bit). The basic format is shown below:
PCM
The PCM interface is both master and slave and is compatible with National Semiconductor’s AAI, Motorola’s SSI, and Texas
Instrument’s McBSP audio codec interfaces. The protocol is short frame sync MSB first 2’s complement 16 bit linear. The MSB
always follows the sync pulse. In the case of companded data the first 8 bits are used and the interface can be slowed to 8 clock
cycles per sync. In PCM_LONG mode the PCM_SYNC signal is inverted relative to that shown below.
20100907
FIGURE 6.
20100965
FIGURE 7.
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com