Electronic Components Datasheet Search
  English  ▼

X  

LM4931 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4931
Description  Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4931 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4931 Datasheet HTML 1Page - National Semiconductor (TI) LM4931 Datasheet HTML 2Page - National Semiconductor (TI) LM4931 Datasheet HTML 3Page - National Semiconductor (TI) LM4931 Datasheet HTML 4Page - National Semiconductor (TI) LM4931 Datasheet HTML 5Page - National Semiconductor (TI) LM4931 Datasheet HTML 6Page - National Semiconductor (TI) LM4931 Datasheet HTML 7Page - National Semiconductor (TI) LM4931 Datasheet HTML 8Page - National Semiconductor (TI) LM4931 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
LM4931
Audio Subsystem with Mono High Efficiency
Loudspeaker and Stereo Headphone Amplifiers
General Description
The LM4931 is an integrated audio subsystem that supports
voice and digital audio functions. The LM4931 includes a
high quality stereo DAC, voice band codec, a stereo head-
phone amplifier and a high-power high efficiency mono
speaker amplifier. It is primarily designed for demanding
applications in mobile phones and other portable devices.
The LM4931 features an I
2S serial interface for full range
audio, a 16-bit PCM bi-directional serial interface for the
voice band codec and an I
2C/SPI compatible interface for
control. The full range music path features an SNR of 86dB
with an 18-bit 48kHz input. The headphone amplifier delivers
at least 26mW
RMS toa32
Ω single-ended stereo load with
less than 1% distortion (THD+N) when AV
DD = 3.3VDC. The
mono speaker amplifier delivers up to 570mW
RMS into an 8
Ω
load with less than 1% distortion when AV
DD = 3.3VDC.
The LM4931 employs advanced techniques to reduce power
consumption, to reduce controller overhead, and to eliminate
click and pop. Boomer audio power amplifiers were de-
signed specifically to provide high quality output power with
a minimal amount of external components. It is therefore
ideally suited for mobile phone and other low voltage appli-
cations where minimal power consumption, PCB area, and
cost are primary requirements.
Key Specifications
j PLS OUT at AVDD = 5V, 8
Ω
1% THD+N
1.1W (typ)
j PLS OUT at AVDD = 3.3V, 8
Ω
1% THD+N
570mW (typ)
j PH/P OUT at AVDD =5V&AVDD = 3.3V, 32
Ω
1% THD+N
26mW (typ)
j Supply voltage range
DV
DD
2.7V to 4.0V
AV
DD (Note 8)
2.7V to 5.0V
j Shutdown current
1.1µA (typ)
j PSRR at 217Hz, AVDD = 3V
62dB (typ)
j SNR (Voice Codec)
75dB (typ)
j SNR (Audio DAC)
86dB (typ)
Features
n
18-bit 44.1kHz or 48kHz stereo DAC
n
16-bit 8kHz , 12kHz , 16kHz, or 24kHz voice-band
codec
n
PLL for operation from common system clocks
n
Either I
2C or SPI compatible serial interface
n
I
2S digital audio data serial interface
n
PCM voice audio data serial interface
n
Differential analog microphone input
n
26mW/channel stereo headphone amplifier
n
570mW mono high efficiency BTL 8
Ω amplifier
n
32-step volume control for audio output amplifiers with
1.5dB step size.
n
Unity-gain stable headphone amplifiers
n
No snubber networks or bootstrap capacitors are
required by the headphone or hands-free amplifiers
n
Adjustable digital side-tone attenuation
n
16-step volume control for microphone preamp with 2dB
step size
n
Configurable GPIO/Status Port
n
Available in the 42 bump micro-SMD package
Applications
n
2.5 and 3G Mobile Phones and Multimedia Terminals
n
PDAs, Internet Appliances and Portable Gaming
n
Portable DVD/CD/AAC/MP3 Players
n
Digital Cameras and Toys
Boomer® is a registered trademark of National Semiconductor Corporation.
June 2004
© 2004 National Semiconductor Corporation
DS201009
www.national.com


Similar Part No. - LM4931

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4931 NSC-LM4931 Datasheet
1Mb / 48P
Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
logo
Texas Instruments
LM4931 TI1-LM4931 Datasheet
1Mb / 50P
Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
LM4931 TI2-LM4931 Datasheet
902Kb / 50P
LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
REVISED MAY 2013
LM4931ITL/NOPB TI1-LM4931ITL/NOPB Datasheet
1Mb / 50P
Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
LM4931ITL/NOPB TI2-LM4931ITL/NOPB Datasheet
902Kb / 50P
LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
REVISED MAY 2013
More results

Similar Description - LM4931

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4935 NSC-LM4935 Datasheet
4Mb / 112P
Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
LM49150 NSC-LM49150 Datasheet
782Kb / 28P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
Texas Instruments
LM4930 TI1-LM4930_14 Datasheet
1Mb / 41P
Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4935 TI1-LM4935_14 Datasheet
2Mb / 91P
Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
LM4930 TI1-LM4930 Datasheet
1Mb / 40P
Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4931 TI1-LM4931 Datasheet
1Mb / 50P
Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
LM4935 TI1-LM4935 Datasheet
2Mb / 90P
Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com