Electronic Components Datasheet Search
  English  ▼

X  

LM4931 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4931
Description  Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4931 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4931 Datasheet HTML 10Page - National Semiconductor (TI) LM4931 Datasheet HTML 11Page - National Semiconductor (TI) LM4931 Datasheet HTML 12Page - National Semiconductor (TI) LM4931 Datasheet HTML 13Page - National Semiconductor (TI) LM4931 Datasheet HTML 14Page - National Semiconductor (TI) LM4931 Datasheet HTML 15Page - National Semiconductor (TI) LM4931 Datasheet HTML 16Page - National Semiconductor (TI) LM4931 Datasheet HTML 17Page - National Semiconductor (TI) LM4931 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
Basic Configuration Register
This register used to configure the basic function of the chip.
DEFAULT CHART FOR BASIC_CONFIG (00h)
DATA BIT
7
6
5
4
3
2
1
0
DEFAULT
0
0
0
0
0
0
0
0
BASIC_CONFIG (00h) (SET = LOGIC 1, CLEAR = LOGIC 0)
Address
Register
Description
3:0
MODE
The LM4931 can be placed in one of several modes that dictate the basic operation.
When a new mode is selected the LM4931 will change operation silently and will
reconfigure the power management profile automatically. The modes are described as
follows: (Note 13)
3:0
Mono Speaker
Amplifier
Source
Headphone
Left Source
Headphone
Right Source
Comment
0000
None
None
None
Powerdown
mode
0001
None
None
None
Standby mode
0010
Voice
None
None
Mono speaker
mode
0011
None
Voice
Voice
Headphone call
mode
0100
Voice
Voice
Voice
Conference call
mode
0101
Audio (L+R)
None
None
L+R mixed to
mono speaker
0110
None
Audio (Left)
Audio (Right)
Headphone
stereo audio
0111
Audio (L+R)
Audio (Left)
Audio (Right)
L+R mixed to
mono speaker +
stereo
headphone
audio
1000
Audio (Left)
Voice
Voice
Mixed mode
1001
Voice + Audio
(Left)
Voice
Voice
Mixed mode
1010
Voice
Audio (Left)
Audio (Left)
Mixed mode
4
SOFTRESET
If set, resets the LM4931, excluding the I
2C/SPI registers and PLL. SOFTRESET should
be cleared to resume normal operation.
5
DAC_
DITHER_OFF
Disables the audio DAC dither.
6
BYPASS_BYPASS If set the power management and control circuit will assume that bypass is at V
DD/2
even when such condition is false. (Note 12)
7
RSVD
RESERVED (Note 14)
Note 12: It is recommended to alter this bit only while the part is in Powerdown mode.
Note 13: Modes 8, 9, and 10 are only available if the sample rate of the I2S is an integer multiple of the sample rate of the PCM. For example, 48kHz (I2S) and 8kHz
(PCM) would be acceptable.
Note 14: Reserved bits should be set to zero when programming the associated register.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com