Electronic Components Datasheet Search
  English  ▼

X  

LM4931 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4931
Description  Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4931 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM4931 Datasheet HTML 15Page - National Semiconductor (TI) LM4931 Datasheet HTML 16Page - National Semiconductor (TI) LM4931 Datasheet HTML 17Page - National Semiconductor (TI) LM4931 Datasheet HTML 18Page - National Semiconductor (TI) LM4931 Datasheet HTML 19Page - National Semiconductor (TI) LM4931 Datasheet HTML 20Page - National Semiconductor (TI) LM4931 Datasheet HTML 21Page - National Semiconductor (TI) LM4931 Datasheet HTML 22Page - National Semiconductor (TI) LM4931 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
PLL Configuration Registers
This register is used to control the frequency divider (M divider) which sits before the PLL phase comparator, it also allows the
3 MSBs of the N_divider’s modulus input to be programmed. See Figure 4 for further explanation.
DEFAULT CHART FOR PLL_M (05h)
DATA BIT
7654321
0
DEFAULT
0000000
0
PLL_M (05h) (SET = LOGIC 1, CLEAR = LOGIC 0)
Address
Register
Description
4:0
PLL_M
Programs the PLL input divider from divide by 4 to divide by 31. It is also
possible to bypass the divider if PLL_M=1or divide by 2 if PLL_M = 2. Setting
PLL_M = 3 will default to divide by 4.
7:5
PLL_N_MOD1
Programs the modulus bits [4:2] of the PLL feedback divider .
This register is used to control the integer of the PLL feedback divider (fractional N divider).
DEFAULT CHART FOR PLL_N (06h)
DATA BIT
7654321
0
DEFAULT
0000000
0
PLL_N (06n) (SET = LOGIC 1, CLEAR = LOGIC 0)
Address
Register
Description
6:0
PLL_N
Programs the PLL feedback divider from divide by 4 to divide by 127, PLL_N
inputs from 0 to 3 are rounded to 4.
7
FAST_VCO
If set the VCO operates best at frequencies up to 100MHz, normally the VCO is
tuned for outputs around 50MHz.
This register is used to control the PLL output divider (P divider), it also allows the 2 LSBs of the N divider’s modulus input to be
programmed.
DEFAULT CHART FOR PLL_P (07h)
DATA BIT
7
6
5
4
3
2
1
0
DEFAULT
0
0
0
0
0
0
0
0
PLL_P (07h) (SET = LOGIC 1, CLEAR = LOGIC 0)
Address
Register
Description
3:0
PLL_P
Programs the PLL output divider from divide by 4 to divide by 15, PLL_P inputs
from 0 to 3 are rounded to 4. It is recommended that P = 4 to keep the VCO
around its nominal frequency of 50MHz.
5:4
PLL_N_MOD2
Programs the PLL feedback divider modulus bits [1:0].
7:6
DITHER_LEVEL
Programs the magnitude of the PLL dither level.
7:6
PLL Dither Level
00
32
01
16
10
48
11
0
The N divider is a fractional divider as such:
N = PLL_N + (PLL _NMOD/32)
If the Modulus input is zero then the N divider is simpler an integer N divider. The output from the PLL is determined by the
following formula:
Fout = (Fin*N)/(PLL_M*PLL_P)
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com