Electronic Components Datasheet Search
  English  ▼

X  

LM4931 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4931
Description  Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4931 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LM4931 Datasheet HTML 19Page - National Semiconductor (TI) LM4931 Datasheet HTML 20Page - National Semiconductor (TI) LM4931 Datasheet HTML 21Page - National Semiconductor (TI) LM4931 Datasheet HTML 22Page - National Semiconductor (TI) LM4931 Datasheet HTML 23Page - National Semiconductor (TI) LM4931 Datasheet HTML 24Page - National Semiconductor (TI) LM4931 Datasheet HTML 25Page - National Semiconductor (TI) LM4931 Datasheet HTML 26Page - National Semiconductor (TI) LM4931 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
Digital Interface Configuration Registers
This register is used to control the format of the PCM, I2S, and GPIO interfaces.
DEFAULT CHART FOR INTERFACES (09h)
DATA BIT
7
6
5
4
3
2
1
0
DEFAULT
0
0
0
0
0
0
0
0
INTERFACES (09h) (SET = LOGIC 1, CLEAR = LOGIC 0)
Address
Register
Description
0
PCM_COMPANDED
If set the data is assumed to be in either A-law or
u-law 8-bit companded form, otherwise it is assumed
to be up to 16 bits of MSB first linear 2’s
complement PCM format. (Note 12)
1
PCM_ALAW_ULAW
If set the data is assumed to be A-law, otherwise it is
u-law companded. (Note 12)
2
PCM_MS
When set the PCM operates in a master mode.
3
PCM_LONG
When set the PCM operates in long mode. (Note 12)
4I
2S_MS
When set the I
2S operates in a master mode.
5I
2S_RES
This selects if each word is 16 or 32 bits long: (Note
16)
I
2S_RES
Word Length
016
132
In 32 bit mode the 18 MSBs are passed to the DAC.
In 16 bit mode all 16 bits are passed to the DAC.
6
RSVD
RESERVED (Note 14)
7
RSVD
RESERVED (Note 14)
Note 16: Always operate the digital IO at the lowest frequency possible to save power and reduce noise. Obviously this can limit the resolution of the I2S interface
from 18 bits to 16 bits, but if only 16 bit data is available use the 16 bit mode to reduce I/O power.
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com