Electronic Components Datasheet Search
  English  ▼

X  

LM4931 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4931
Description  Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4931 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button LM4931 Datasheet HTML 26Page - National Semiconductor (TI) LM4931 Datasheet HTML 27Page - National Semiconductor (TI) LM4931 Datasheet HTML 28Page - National Semiconductor (TI) LM4931 Datasheet HTML 29Page - National Semiconductor (TI) LM4931 Datasheet HTML 30Page - National Semiconductor (TI) LM4931 Datasheet HTML 31Page - National Semiconductor (TI) LM4931 Datasheet HTML 32Page - National Semiconductor (TI) LM4931 Datasheet HTML 33Page - National Semiconductor (TI) LM4931 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Typical Performance Characteristics (Continued)
THD+N vs I
2S Input Voltage
(Headphone Output, 0dB Headphone Gain, AV
DD = 5V)
THD+N vs I
2S Input Voltage
(Headphone Output, 0dB Headphone Gain, AV
DD = 3V)
20100979
20100980
I
2S DAC Crosstalk
(Top Trace = Left to Right, Bottom Trace = Right to Left)
MIC Bias Dropout Voltage vs
MIC Bias Current
20100981
20100941
PCM DAC Frequency Response
(Handsfree Output)
PCM DAC Frequency Response Zoom
(Handsfree Output)
20100983
20100984
www.national.com
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com