Electronic Components Datasheet Search
  English  ▼

X  

LM4931 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4931
Description  Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4931 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button LM4931 Datasheet HTML 23Page - National Semiconductor (TI) LM4931 Datasheet HTML 24Page - National Semiconductor (TI) LM4931 Datasheet HTML 25Page - National Semiconductor (TI) LM4931 Datasheet HTML 26Page - National Semiconductor (TI) LM4931 Datasheet HTML 27Page - National Semiconductor (TI) LM4931 Datasheet HTML 28Page - National Semiconductor (TI) LM4931 Datasheet HTML 29Page - National Semiconductor (TI) LM4931 Datasheet HTML 30Page - National Semiconductor (TI) LM4931 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
Typical Performance Characteristics (Continued)
MIC PreAmp + ADC Frequency Response High Cutoff
(MIC Gain = 6dB)
MIC PreAmp + ADC Frequency Response High Cutoff
(MIC Gain = 36dB)
20100935
20100936
MIC PreAmp + ADC Frequency Response Low Cutoff
(MIC Gain = 6dB)
MIC PreAmp + ADC Frequency Response Low Cutoff
(MIC Gain = 36dB)
20100937
20100942
ADC THD+N vs MIC Input Voltage
(MIC Gain = 6dB), AV
DD =5V
ADC THD+N vs MIC Input Voltage
(MIC Gain = 6dB), AV
DD =3V
20100943
20100944
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com