Electronic Components Datasheet Search
  English  ▼

X  

MCP3910 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 18Page - Microchip Technology MCP3910 Datasheet HTML 19Page - Microchip Technology MCP3910 Datasheet HTML 20Page - Microchip Technology MCP3910 Datasheet HTML 21Page - Microchip Technology MCP3910 Datasheet HTML 22Page - Microchip Technology MCP3910 Datasheet HTML 23Page - Microchip Technology MCP3910 Datasheet HTML 24Page - Microchip Technology MCP3910 Datasheet HTML 25Page - Microchip Technology MCP3910 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 86 page
background image
MCP3910
DS20005116B-page 22
 2012-2014 Microchip Technology Inc.
3.13
Chip Select/ Boost Logic Input
(CS/BOOST)
In SPI mode, this pin is the SPI chip select that enables
serial communication. When this pin is logic high, no
communication can take place. A chip select falling
edge initiates serial communication, and a chip select
rising edge terminates the communication. No
communication can take place even when CS is logic
low, if RESET is also logic low.
This input is Schmitt-triggered.
In 2-Wire Interface mode, this is the BOOST logic
select input pin (see Section 7.0 “2-Wire Serial Inter-
face Description”
for the logic input table for BOOST).
The pin state is latched when the MODE changes to 2-
Wire Interface mode, and is relatched at each watch-
dog timer reset.
3.14
Serial Data Clock/
Master Clock Input (SCK/MCLK)
In SPI mode, this is the serial clock pin for SPI commu-
nication. Data is clocked into the device on the rising
edge of SCK. Data is clocked out of the device on the
falling edge of SCK.
The MCP3910 SPI interface is compatible with SPI 0,0
and 1,1 modes. SPI modes can be changed during a
CS high time.
The maximum clock speed specified is 20 MHz. SCK
and MCLK are two different and asynchronous clocks;
SCK is only required when a communication happens,
while MCLK is continuously required when the part is
converting analog inputs.
This input is Schmitt-triggered.
In the 2-Wire Interface mode, this pin is defining the
master clock of the device (MCLK) and simultaneously
as the serial clock (SCK) for the interface. In this mode,
the clock has to be provided continuously to ensure
proper operation. See Section 7.0 “2-Wire Serial
Interface Description”
for more information and
timing diagrams of the 2-Wire Interface protocol.
3.15
Serial Data Output (SDO)
This is the SPI data output pin. Data is clocked out of
the device on the falling edge of SCK.
This pin remains in a high-impedance state during the
command byte. It also stays high-impedance during the
entire communication for write commands and when
the CS pin is logic high, or when the RESET pin is logic
low. This pin is active only when a Read command is
processed. The interface is half-duplex (inputs and
outputs do not happen at the same time).
In the 2-Wire Interface mode, this pin is the only digital
output pin, and sends synchronous frames at each
data ready event with data bits clocked out on the
falling edge of SCK.
3.16
Serial Data/OSR1 Logic Input
(SDI/OSR1)
This is the SPI data input pin. Data is clocked into the
device on the rising edge of SCK. When CS is logic low,
this pin is used to communicate with a series of 8-bit
commands. The interface is half-duplex (inputs and
outputs do not happen at the same time).
Each communication starts with a chip select falling
edge followed by an 8-bit command word, entered
through the SDI pin. Each command is either a Read or
a Write command. Toggling SDI after a Read or a Write
command when CS is logic high has no effect.
This input is Schmitt-triggered.
In 2-Wire Interface mode, this is the OSR1 logic select
input pin (see Section 7.0 “2-Wire Serial Interface
Description”
for the logic input table for OSR0 and
OSR1). The pin state is latched when the MODE
changes to 2-Wire Interface mode, and is relatched at
each watchdog timer reset.
3.17
Exposed Pad (EP)
This pin is the exposed thermal pad. It must be
connected to AGND for optimal accuracy and thermal
performance. This pad can also be left floating if
necessary. Connecting it to AGND is preferable for the
lowest noise performance and best thermal behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com