Electronic Components Datasheet Search
  English  ▼

X  

MCP3910 Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 34Page - Microchip Technology MCP3910 Datasheet HTML 35Page - Microchip Technology MCP3910 Datasheet HTML 36Page - Microchip Technology MCP3910 Datasheet HTML 37Page - Microchip Technology MCP3910 Datasheet HTML 38Page - Microchip Technology MCP3910 Datasheet HTML 39Page - Microchip Technology MCP3910 Datasheet HTML 40Page - Microchip Technology MCP3910 Datasheet HTML 41Page - Microchip Technology MCP3910 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 86 page
background image
MCP3910
DS20005116B-page 38
 2012-2014 Microchip Technology Inc.
FIGURE 5-7:
VREF Tempco vs. VREFCAL
Trim Code Chart.
5.6.4
VOLTAGE REFERENCE BUFFERS
Each channel includes a voltage reference buffer tied
to the REFIN+/OUT pin, which allows the device to
properly charge the internal capacitors with the voltage
reference signals, even in the case of an external
voltage reference connection with weak load regulation
specifications. This ensures that the correct amount of
current is sourced to each channel to guarantee their
accuracy specifications, and diminishes the constraints
on the voltage reference load regulation.
5.7
Power-On Reset
The MCP3910 contains an internal POR circuit that
monitors both analog and digital supply voltages during
operation. The typical threshold for a power-up event
detection is 2.0V ±5% and a typical start-up time (tPOR)
of 50 µs. The POR circuit has a built-in hysteresis for
improved transient spike immunity that has a typical
value of 200 mV. Proper decoupling capacitors (0.1 µF
ceramic and 10 µF) should be mounted as close as
possible to the AVDD and DVDD pins, providing addi-
tional transient immunity.
Figure 5-8 illustrates the different conditions at a
power-up and a power-down event under typical
conditions. All internal DC biases are settled at least
1 ms after system POR, under worst-case conditions.
Any data ready pulse occurring within 1 ms plus the
sinc filter settling time after system reset should be
ignored to ensure proper accuracy. After POR, data
ready pulses are present at the pin with all the default
conditions in the configuration registers.
Both AVDD and DVDD are monitored, so either power
supply can sequence first.
FIGURE 5-8:
Power-On Reset Operation.
0
10
20
30
40
50
60
0
64
128
192
256
VREFCAL Register Trim Code (decimal)
POR
State
Power-Up
Normal
POR
State
Biases are
unsettled.
Conversions
started here may
not be accurate.
Biases are settled.
Conversions started
here are accurate.
Analog biases
settling time
SINC filter
settling
time
Voltage
(AVDD, DVDD)
Time
POR Threshold
up (2.0V typical)
(1.8V typical)
tPOR
Operation
Any
data
read
pulse
occurring during this time
can yield inaccurate output
data. It is recommended to
discard them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com