Electronic Components Datasheet Search
  English  ▼

X  

MCP3910 Datasheet(PDF) 46 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 46 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 42Page - Microchip Technology MCP3910 Datasheet HTML 43Page - Microchip Technology MCP3910 Datasheet HTML 44Page - Microchip Technology MCP3910 Datasheet HTML 45Page - Microchip Technology MCP3910 Datasheet HTML 46Page - Microchip Technology MCP3910 Datasheet HTML 47Page - Microchip Technology MCP3910 Datasheet HTML 48Page - Microchip Technology MCP3910 Datasheet HTML 49Page - Microchip Technology MCP3910 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 86 page
background image
MCP3910
DS20005116B-page 46
 2012-2014 Microchip Technology Inc.
6.5
Continuous Communications,
Looping on Register Sets
The MCP3910 digital interface can process communi-
cations in Continuous mode, without having to enter an
SPI command between each read or write to a register.
This feature allows the user to reduce communication
overhead to the strict minimum, which diminishes EMI
emissions and reduces switching noise in the system.
The registers can be grouped into multiple sets for con-
tinuous communications. The grouping of the registers
in the different sets is defined by the READ<1:0> and
WRITE bits that control the internal SPI communication
address pointer. For a graphical representation of the
register map sets in function of the READ<1:0> and
WRITE bits, please see Table 9-2.
In the case of a continuous communication, there is
only one control byte on SDI to start the communication
after a CS pin falling edge. The part stays within the
same communication loop until the CS pin returns logic
high. The SPI internal register address pointer starts by
transmitting/receiving the address defined in the
control byte. After this first transmission/reception, the
SPI internal register address pointer automatically
increments to the next available address in the register
set for each transmission/reception. When it reaches
the last address of the set, the communication
sequence is finished. The address pointer loops
automatically back to the first address of the defined
set and restarts a new sequence with auto-increment
(see Table 6-6). The undefined or unused addresses
are automatically jumped by the address pointer (they
are not considered to be part of the register map by the
address pointer). This internal address pointer
automatic selection allows the following functionality:
• Read one ADC channel data, or all ADC channels
continuously
• Continuously read the entire register map
• Continuously read or write each separate register
• Continuously read or write all configuration
registers
FIGURE 6-6:
Continuous Communication Sequences.
Continuous READ communication (24-bit format)
Don’t care
SCK
SDI
SDO
CS
Hi-Z
8x
CONTROL
BYTE
24x
ADDR
...
ADDR + n
Starts read sequence
at address ADDR
Complete READ sequence
ADDR + 1
24x
...
24x
24x
ADDR
...
Complete READ sequence
ADDR + 1
24x
...
24x
ADDR + n
Continuous WRITE communication (24-bit format)
Don’t care
SCK
SDI
SDO
CS
Hi-Z
8x
CONTROL
BYTE
24x
ADDR
...
ADDR + n
Starts write sequence
at address ADDR
Complete WRITE sequence
ADDR + 1
24x
...
24x
24x
ADDR
...
Complete WRITE sequence
ADDR + 1
24x
...
24x
ADDR + n
Don’t care
ADDR
ADDR + 1
...
ADDR + n
Complete
READ
sequence
Roll-over
ADDRESS SET
ADDR
ADDR + 1
...
ADDR + n
Complete
WRITE
sequence
Roll-over
ADDRESS SET
High Z
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com