Electronic Components Datasheet Search
  English  ▼

X  

MCP3910 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 29Page - Microchip Technology MCP3910 Datasheet HTML 30Page - Microchip Technology MCP3910 Datasheet HTML 31Page - Microchip Technology MCP3910 Datasheet HTML 32Page - Microchip Technology MCP3910 Datasheet HTML 33Page - Microchip Technology MCP3910 Datasheet HTML 34Page - Microchip Technology MCP3910 Datasheet HTML 35Page - Microchip Technology MCP3910 Datasheet HTML 36Page - Microchip Technology MCP3910 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 86 page
background image
 2012-2014 Microchip Technology Inc.
DS20005116B-page 33
MCP3910
5.3.4
DITHER SETTINGS
All modulators include a dithering algorithm that can be
enabled through the DITHER<1:0> bits in the
CONFIG0 register. This dithering process improves
THD and SFDR (for high OSR settings), while slightly
increasing the noise floor of the ADCs. For power
metering applications and applications that are
distortion-sensitive, it is recommended to keep
DITHER at maximum settings for best THD and SFDR
performance. In the case of power metering
applications, THD and SFDR are critical specifications.
Optimizing SNR (noise floor) is not problematic due to
the large averaging factor at the output of the ADCs.
Therefore, even for low OSR settings, the dithering
algorithm will show a positive impact on the
performance of the application.
5.3.5
MODULATOR OUTPUT BLOCK
If the user wishes to use the modulator output of the
device, the appropriate bits to enable the modulator
output must be set in the STATUSCOM register.
When EN_MDAT = 1, the modulator output of the
corresponding channel is present at the corresponding
MDAT output pin as soon as the command is placed.
Additionally, the corresponding SINC filter is disabled in
order to consume less current. The corresponding data
ready pulse is also not present at the DR output pin.
The data ready output pin is then placed in high-
impedance regardless of the DR_HIZ setting so that
the user can tie this pin to an external supply or ground
for lower noise behavior. When EN_MDAT = 0, the
corresponding sinc filters are back to normal operation
and the corresponding MDAT outputs are in high-
impedance.
Since the delta-sigma modulators have a 5-level output
given by the state of the four comparators with ther-
mometer coding, their outputs can be represented on
four bits, each bit giving the state of the corresponding
comparator (see Table 5-3). These bits are present on
the MOD register and are updated at the DMCLK rate.
In order to output the comparators result on a separate
pin (MDAT0 and MDAT1), these comparator output bits
have been arranged to be serially output at the AMCLK
rate (see Figure 5-2).
This 1-bit serial bitstream is the same that would be
produced by a 1-bit DAC modulator with a sampling
frequency of AMCLK. The modulator can either be
considered as a 5-level output at DMCLK rate, or a
1-bit output at AMCLK rate. These two representations
are interchangeable. The MDAT outputs can therefore
be used in any application that requires 1-bit modulator
outputs. Such applications will often integrate and filter
the 1-bit output with sinc or more complex decimation
filters computed by a MCU or a DSP.
FIGURE 5-2:
MDAT Serial Outputs in
Function of the Modulator Output Code.
Since the reset and shutdown SPI commands are
asynchronous, the MDAT pins are resynchronized with
DMCLK after each time the part goes out of reset and
shutdown.
This means that the first output of MDAT, after a soft
reset or a shutdown, is always 0011 after the first
DMCLK rising edge.
The two MDAT output pins are high-impedance if the
RESET pin is low and they are also in high-impedance
state during the 2-Wire Interface mode.
TABLE 5-3:
DELTA-SIGMA MODULATOR
CODING
Comp<3:0>
Code
Modulator
Output Code
MDAT Serial
Stream
1111
+2
1111
0111
+1
0111
0011
0
0011
0001
-1
0001
0000
-2
0000
DMCLK
MDAT+2
MDAT+1
MDAT+0
MDAT-1
MDAT-2
COMP
AMCLK
<3>
COMP
<2>
COMP
<1>
COMP
<0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com