Electronic Components Datasheet Search
  English  ▼

X  

MCP3910 Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 43Page - Microchip Technology MCP3910 Datasheet HTML 44Page - Microchip Technology MCP3910 Datasheet HTML 45Page - Microchip Technology MCP3910 Datasheet HTML 46Page - Microchip Technology MCP3910 Datasheet HTML 47Page - Microchip Technology MCP3910 Datasheet HTML 48Page - Microchip Technology MCP3910 Datasheet HTML 49Page - Microchip Technology MCP3910 Datasheet HTML 50Page - Microchip Technology MCP3910 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 86 page
background image
 2012-2014 Microchip Technology Inc.
DS20005116B-page 47
MCP3910
6.5.1
CONTINUOUS READ
The STATUSCOM register contains the loop settings
for the internal register address pointer (READ<1:0>
bits and WRITE bit). For the Continuous Read modes,
the address selection can take the four following
values:
No SDI data coming after the control byte is considered
during a continuous read communication. The
following figures represent a typical, continuous read
communication with the default settings (DR_LINK = 1,
READ<1:0> = 10, WIDTH_DATA<1:0> = 01) for SPI
Mode 0,0 (Figure 6-7) and SPI Mode 1,1 (Figure 6-8).
In SPI Mode (1,1), the SDO pin stays in the last state
(LSB of previous data) after a complete reading which
also allows seamless Continuous Read mode (see
Figure 6-8).
FIGURE 6-7:
Typical Continuous Read Communication (WIDTH_DATA<1:0> = 01, SPI Mode 0,0).
FIGURE 6-8:
Typical Continuous Read Communication (WIDTH_DATA<1:0> = 01, SPI Mode 1,1).
TABLE 6-1:
ADDRESS SELECTION IN
CONTINUOUS READ
READ<1:0>
Register Address Set Grouping
for Continuous Read
Communications
00
Static (No incrementation)
01
Groups
10
Types (Default)
11
Full Register Map
Note:
For continuous reading of ADC data in
SPI Mode 0,0 (see Figure 6-7), once the
data has been completely read after a
data ready, the SDO pin will take the MSB
value of the previous data at the end of the
reading (falling edge of the last SCK
clock). If SCK stays idle at logic low (by
definition of Mode 0,0), the SDO pin will
be updated at the falling edge of the next
data ready pulse (synchronously with the
DR pin falling edge with an output timing
of tDODR) with the new MSB of the data
corresponding to the data ready pulse.
This mechanism allows the MCP3910 to
continuously read ADC data outputs
seamlessly, even in SPI Mode (0,0).
Don’t care
SCK
SDI
SDO
CS
Hi-Z
8x
0x01
24x
DATA_CH0
Starts read sequence at
address 00000
Complete READ sequence on ADC
outputs channels 0 to 1
DATA_CH1
24x
24x
DATA_CH0
DATA_CH1
24x
Don’t care
DR
Stays at
DATA_CH1<0>
Complete READ sequence on new ADC
outputs channels 0 to 1
High Z
Don’t care
SCK
SDI
SDO
CS
Hi-Z
8x
0x01
24x
DATA_CH0
Starts read sequence at
address 00000
DATA_CH1
24x
24x
DATA_CH0
DATA_CH1
24x
Don’t care
DR
DATA_CH0
<23>
New data
DATA_CH0
<23>
Old data
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com