Electronic Components Datasheet Search
  English  ▼

X  

MCP3910 Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 52Page - Microchip Technology MCP3910 Datasheet HTML 53Page - Microchip Technology MCP3910 Datasheet HTML 54Page - Microchip Technology MCP3910 Datasheet HTML 55Page - Microchip Technology MCP3910 Datasheet HTML 56Page - Microchip Technology MCP3910 Datasheet HTML 57Page - Microchip Technology MCP3910 Datasheet HTML 58Page - Microchip Technology MCP3910 Datasheet HTML 59Page - Microchip Technology MCP3910 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 86 page
background image
MCP3910
DS20005116B-page 56
 2012-2014 Microchip Technology Inc.
7.4
Watchdog Timer Reset, Resetting
the Part in 2-Wire Mode
When the part has entered in the 2-Wire mode, the
Hard Reset mode functionality is not available because
the RESET pin becomes the logic input for OSR0. If the
user wants to execute a full reset of the part without
doing a POR, the 2-Wire mode incorporates an internal
watchdog timer that automatically performs a full reset
of the part, if the timer has elapsed.
The watchdog timer starts synchronously with each ris-
ing edge of SCK/MCLK. If the SCK logic-high state is
maintained for a time that is larger than tWATCH, the
watchdog time circuit forces the full reset of the chip,
which then returns to its default configuration with all
ADCs being reset. If the SCK logic-high state is main-
tained for a time shorter than tWATCH and then
SCK/MCLK toggles to logic low, the internal timer is
cleared, waiting for another rising edge to restart.
The watchdog timer functionality induces a restriction
in the usable range of frequencies on SCK/MCLK. In
order to avoid intermittent resets in all cases, the mini-
mum SCK/MCLK frequency in 2-Wire Interface mode is
equal to the inverse of the minimum tWATCH time
(1/(2 x 3.6 µs) = 138.9 kHz, if the duty cycle of the
SCK/MCLK is 50%).
The watchdog timer starts only on the rising edge of
SCK/MCLK, not on the falling edge. Maintaining
SCK/MCLK at a logic low state for large periods of time
does not create any watchdog timer resets. A Watch-
dog Timer Reset is created only when the SCK/MCLK
state is maintained logic high during a long enough
period of time.
This watchdog timer period permits to exit the 2-Wire
Interface, if desired, by toggling the OSC2/MODE pin to
logic low before creating the Watchdog Timer Reset
and by maintaining it logic low until the reset happens.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com