Electronic Components Datasheet Search
  English  ▼

X  

MCP3910 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 4 Page - Microchip Technology

  MCP3910 Datasheet HTML 1Page - Microchip Technology MCP3910 Datasheet HTML 2Page - Microchip Technology MCP3910 Datasheet HTML 3Page - Microchip Technology MCP3910 Datasheet HTML 4Page - Microchip Technology MCP3910 Datasheet HTML 5Page - Microchip Technology MCP3910 Datasheet HTML 6Page - Microchip Technology MCP3910 Datasheet HTML 7Page - Microchip Technology MCP3910 Datasheet HTML 8Page - Microchip Technology MCP3910 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
MCP3910
DS20005116B-page 4
 2012-2014 Microchip Technology Inc.
Gain Error Drift
—
1
—
ppm/°C
Integral Non-Linearity
INL
—
5
—
ppm
Measurement Error
ME
—
0.1
—
%
Measured with a 10,000:1
dynamic range (from
600 mVPeak to 60 µVPeak),
AVDD= DVDD = 3V,
measurement points
averaging time: 20 seconds
Differential Input
Impedance
ZIN
232
—
—
k
G = 1, proportional to
1/AMCLK
142
—
—
k
G = 2, proportional to
1/AMCLK
72
—
—
k
G = 4, proportional to
1/AMCLK
38
—
—
k
G = 8, proportional to
1/AMCLK
36
—
—
k
G = 16, proportional to
1/AMCLK
33
—
—
k
G = 32, proportional to
1/AMCLK
Signal-to-Noise and
Distortion Ratio (Note 2)
SINAD
92
93.5
—
dB
Total Harmonic Distortion
(Note 2)
THD
—
-107
-103
dBc
Includes the first
35 harmonics
Signal-to-Noise Ratio
(Note 2)
SNR
92
94
—
dB
Spurious-Free Dynamic
Range (Note 2)
SFDR
—
112
—
dBFS
Crosstalk (50, 60 Hz)
CTALK
—
-122
—
dB
AC Power Supply Rejection
AC PSRR
—
-73
—
dB
AVDD =DVDD = 3V + 0.6VPP
50/60 Hz, 100/120 Hz
DC Power Supply Rejection
DC PSRR
—
-73
—
dB
AVDD = DVDD = 2.7V to 3.6V
DCCommonModeRejection DC CMRR
—
-105
—
dB
VCM from -1V to +1V
TABLE 1-1:
ANALOG SPECIFICATIONS (CONTINUED)
Electrical Specifications:
Unless otherwise indicated, all parameters apply at AVDD = DVDD = 3V, MCLK = 4 MHz;
PRE<1:0> = 00; OSR = 256; GAIN = 1; VREFEXT = 0, CLKEXT = 1, DITHER<1:0> = 11; BOOST<1:0> = 10, VCM =0V;
TA = -40°C to +125°C (Note 1); VIN =1.2 VPP = -0.5 dBFS @ 50/60 Hz on all channels.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
Note
1:
All specifications are valid down to -45°C operation.
2:
This specification implies that the ADC output is valid over this entire differential range and that there is no distortion or
instability across this input range. Dynamic Performance specified at -0.5 dB below the maximum signal range,
VIN =1.2 VPP = 424 mVRMS, VREF = 1.2V @ 50/60 Hz. See Section 4.0 “Terminology And Formulas” for definition.
This parameter is established by characterization and not 100% tested.
3:
For these operating currents, the following configuration bit settings apply: SHUTDOWN<1:0> = 00, RESET<1:0> =
00
, VREFEXT = 0, CLKEXT = 0.
4:
For these operating currents, the following configuration bit settings apply: SHUTDOWN<1:0> = 11, VREFEXT = 1,
CLKEXT = 1.
5:
Applies to all gains. Offset and gain errors depend on PGA gain setting. See Section 2.0 “Typical Performance
Curves”
for typical performance.
6:
Outside this range, the ADC accuracy is not specified. An extended input range of +/-2V can be applied continuously to
the part, with no damage.
7:
For proper operation and for optimizing the ADC accuracy, AMCLK should be limited to the maximum frequency
defined in Table 5-2, as a function of the BOOST and PGA setting chosen. MCLK can take larger values as long as the
prescaler settings (PRE<1:0>) limit AMCLK = MCLK/PRESCALE within the defined range in Table 5-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com